Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9730 Datasheet(PDF) 97 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 97 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 93Page - Microchip Technology LAN9730 Datasheet HTML 94Page - Microchip Technology LAN9730 Datasheet HTML 95Page - Microchip Technology LAN9730 Datasheet HTML 96Page - Microchip Technology LAN9730 Datasheet HTML 97Page - Microchip Technology LAN9730 Datasheet HTML 98Page - Microchip Technology LAN9730 Datasheet HTML 99Page - Microchip Technology LAN9730 Datasheet HTML 100Page - Microchip Technology LAN9730 Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 97
LAN9730/LAN9730i
5Eh
09
Size of Hi-Speed Configuration Descriptor in bytes (9 bytes)
5Fh
02
Descriptor Type (Configuration Descriptor - 02h)
60h - 61h
27 00
Total length in bytes of data returned (0027h = 39 bytes)
62h
01
Number of interfaces
63h
01
Value to use as an argument to select this configuration
64h
00
Index of String Descriptor describing this configuration
65h
A0
Bus powered and remote wakeup enabled
66h
FA
Maximum power consumption is 500 mA
67h
09
Size of Hi-Speed Interface Descriptor in bytes (9 bytes)
68h
04
Descriptor Type (Interface Descriptor - 04h)
69h
00
Number identifying this Interface
6Ah
00
Value used to select alternative setting
6Bh
03
Number of Endpoints used for this interface (Less Endpoint 0)
6Ch
FF
Class Code
6Dh
00
Subclass Code
6Eh
FF
Protocol Code
6Fh
00
Index of String Descriptor Describing this interface
70h
12
Size of Full-Speed Device Descriptor in bytes (18 bytes)
71h
01
Descriptor Type (Device Descriptor - 01h)
72h - 73h
00 02
USB Specification Number that the device complies with (0200h)
74h
FF
Class Code
75h
00
Subclass Code
76h
FF
Protocol Code
77h
40
Maximum Packet Size for Endpoint 0
78h - 79h
24 04
Vendor ID (0424h)
7Ah - 7Bh
30 97
Product ID (9730h)
7Ch - 7Dh
00 01
Device Release Number (0100h)
7Eh
01
Index of Manufacturer String Descriptor
7Fh
02
Index of Product String Descriptor
80h
03
Index of Serial Number String Descriptor
81h
01
Number of possible configurations
82h
09
Size of Full-Speed Configuration Descriptor in bytes (9 bytes)
83h
02
Descriptor Type (Configuration Descriptor - 02h)
84h - 85h
27 00
Total length in bytes of data returned (0027h = 39 bytes)
86h
01
Number of interfaces
87h
01
Value to use as an argument to select this configuration
88h
00
Index of String Descriptor describing this configuration
89h
A0
Bus powered and remote wakeup enabled
8Ah
FA
Maximum power consumption is 500 mA
8Bh
09
Size of Full-Speed Interface Descriptor in bytes (9 bytes)
8Ch
04
Descriptor Type (Interface Descriptor - 04h)
8Dh
00
Number identifying this interface
8Eh
00
Value used to select alternative setting
TABLE 4-62:
EEPROM EXAMPLE - 256 BYTE EEPROM (CONTINUED)
EEPROM
Address
EEPROM Contents
(Hex)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com