Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9730 Datasheet(PDF) 29 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 29 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 25Page - Microchip Technology LAN9730 Datasheet HTML 26Page - Microchip Technology LAN9730 Datasheet HTML 27Page - Microchip Technology LAN9730 Datasheet HTML 28Page - Microchip Technology LAN9730 Datasheet HTML 29Page - Microchip Technology LAN9730 Datasheet HTML 30Page - Microchip Technology LAN9730 Datasheet HTML 31Page - Microchip Technology LAN9730 Datasheet HTML 32Page - Microchip Technology LAN9730 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 29
LAN9730/LAN9730i
4.0
FUNCTIONAL DESCRIPTION
4.1
Functional Overview
The LAN9730/LAN9730i USB 2.0 to 10/100 Ethernet Controller consists of the following major functional blocks:
• HSIC Interface
• USB 2.0 Device Controller (UDC)
• FIFO Controller (FCT) and Associated SRAM
• 10/100 Ethernet MAC
• 10/100 Internal Ethernet PHY
• IEEE 1149.1 Tap Controller
• EEPROM Controller (EPC)
The following sections discuss the features of each block. A block diagram of the device is shown in Figure 1-1.
4.2
HSIC Interface
The HSIC interface is compliant with the High-Speed Interchip USB Electrical Specification Revision 1.0. High-Speed
Inter-Chip (HSIC) is a digital interconnect bus that enables the use of USB technology as a low-power chip-to-chip inter-
connect at speeds up to 480 Mb/s.
4.3
USB 2.0 Device Controller (UDC)
The USB functionality in the device consists of five major parts. The HSIC interface (discussed in Section 4.2), UCB
(USB Common Block), UDC (USB Device Controller), URX (USB Bulk-Out Receiver), UTX (USB Bulk-In Receiver), and
CTL (USB Control Block). They are represented as the HSIC interface and UDC, collectively, in Figure 1-1.
The UCB generates various clocks, including the system clocks of the device. The URX and UTX implement the Bulk-
Out and Bulk-In Endpoints respectively. The CTL manages control and interrupt Endpoints.
The UDC is a USB low-level protocol interpreter. The UDC controls the USB bus protocol, packet generation/extraction,
PID/Device ID parsing, and CRC coding/decoding with autonomous error handling. It is capable of operating either in
USB 1.1 or 2.0 compliant modes. It has autonomous protocol handling functions such as stall condition clearing on setup
packets, suspend/resume/reset conditions, and remote wakeup. It also autonomously handles error conditions such as
retry for CRC errors, Data toggle errors, and generation of NYET, STALL, ACK and NACK, depending on the Endpoint
buffer status.
The UDC is configured to support one configuration, one interface, one alternate setting, and four Endpoints.
4.3.1
SUPPORTED ENDPOINTS
Table 4-1 lists the supported Endpoints. The following subsections discuss these Endpoints in detail.
The URX and UTX implement the Bulk-Out and Bulk-In Endpoints, respectively. The CTL manages the Control and
Interrupt Endpoints.
TABLE 4-1:
SUPPORTED ENDPOINTS
Endpoint Number
Description
0
Control Endpoint
1
Bulk-In Endpoint
2
Bulk-Out Endpoint
3
Interrupt Endpoint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com