Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9730 Datasheet(PDF) 37 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 37 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 33Page - Microchip Technology LAN9730 Datasheet HTML 34Page - Microchip Technology LAN9730 Datasheet HTML 35Page - Microchip Technology LAN9730 Datasheet HTML 36Page - Microchip Technology LAN9730 Datasheet HTML 37Page - Microchip Technology LAN9730 Datasheet HTML 38Page - Microchip Technology LAN9730 Datasheet HTML 39Page - Microchip Technology LAN9730 Datasheet HTML 40Page - Microchip Technology LAN9730 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 37
LAN9730/LAN9730i
4.3.1.6.3
Interface Descriptor 0 Default
Table 4-6 shows the default value for Interface Descriptor 0. This descriptor is initialized based on values stored in
EEPROM.
Note 4-7
Value is loaded from EEPROM, but must be equal to the default value in order to comply with the USB
2.0 Specification and provide for normal device operation. Specification of any other value will result
in unwanted behavior and untoward operation.
4.3.1.6.4
Endpoint 1 (Bulk-In) Descriptor
Table 4-7 shows the default value for Endpoint Descriptor 1. This descriptor is not initialized from values stored in
EEPROM.
Note 4-8
512 bytes for Hi-Speed mode.
TABLE 4-6:
INTERFACE DESCRIPTOR 0
Offset
Field
Size
(Bytes)
Default Value
Loaded from
EEPROM
Description
00h
bLength
1
09h
Note 4-7
Size of descriptor in bytes (9 bytes)
01h
bDescriptorType
1
04h
Note 4-7
Interface Descriptor (0x04)
02h
bInterfaceNumber
1
00h
Note 4-7
Number identifying this interface
03h
bAlternateSetting
1
00h
Note 4-7
Value used to select alternative setting
04h
bNumEndpoints
1
03h
Note 4-7
Number of Endpoints used for this inter-
face (less Endpoint 0)
05h
bInterfaceClass
1
FFh
Yes
Class Code
06h
bInterfaceSubClass
1
00h
Yes
Subclass Code
07h
bInterfaceProtocol
1
FFh
Yes
Protocol Code
08h
iInterface
1
00h
Yes
Index of String Descriptor describing
this interface
TABLE 4-7:
ENDPOINT 1 DESCRIPTOR
Offset
Field
Size
(Bytes)
Default Value
Loaded
from
EEPROM
Description
00h
bLength
1
07h
No
Size of descriptor in bytes
01h
bDescriptorType
1
05h
No
Endpoint Descriptor
02h
bEndpointAddress
1
81h
No
Endpoint Address
03h
bmAttributes
1
02h
No
Bulk Transfer Type
04h
wMaxPacketSize
2
Note 4-8
No
Maximum packet size this Endpoint is
capable of sending.
06h
bInterval
1
00h
No
Interval for polling Endpoint data trans-
fers. Ignored for bulk Endpoints



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com