Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9730 Datasheet(PDF) 71 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 71 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 67Page - Microchip Technology LAN9730 Datasheet HTML 68Page - Microchip Technology LAN9730 Datasheet HTML 69Page - Microchip Technology LAN9730 Datasheet HTML 70Page - Microchip Technology LAN9730 Datasheet HTML 71Page - Microchip Technology LAN9730 Datasheet HTML 72Page - Microchip Technology LAN9730 Datasheet HTML 73Page - Microchip Technology LAN9730 Datasheet HTML 74Page - Microchip Technology LAN9730 Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 71
LAN9730/LAN9730i
The RXCOE supports a maximum of two VLAN tags. If there are more than two VLAN tags, the VLAN protocol identifier
for the third tag is treated as an Ethernet type field. The checksum calculation will begin immediately after the type field.
The RXCOE resides in the RX path within the MAC. As the RXCOE receives an Ethernet frame, it calculates the 16-bit
checksum. The RXCOE passes the Ethernet frame to the RX FIFO with the checksum appended to the end of the frame.
The RXCOE inserts the checksum immediately after the last byte of the Ethernet frame and before it transmits the status
word. The packet length field in the RX Status Word (refer to Section 4.4.1.2) will indicate that the frame size has
increased by two bytes to accommodate the checksum.
Setting the RXCOE_EN bit in the Checksum Offload Engine Control Register (COE_CR) enables the RXCOE, while the
RXCOE_MODE bit selects the operating mode. When the RXCOE is disabled, the received data is simply passed
through the RXCOE unmodified.
FIGURE 4-14:
ETHERNET FRAME WITH VLAN TAG AND SNAP HEADER
FIGURE 4-15:
ETHERNET FRAME WITH MULTIPLE VLAN TAGS AND SNAP HEADER
Note:
When enabled, the RXCOE calculates a checksum for every received frame.
Note:
Software applications must stop the receiver and flush the RX data path before changing the state of the
RXCOE_EN or RXCOE_MODE bits.
Note:
When the RXCOE is enabled, automatic pad stripping must be disabled (bit 8 (PADSTR) of the MAC Con-
trol Register (MAC_CR)) and vice versa. These functions cannot be enabled simultaneously.
DST
SRC
8
1
0
0
V
I
D
L3 Packet
F
C
S
S
N
A
P
0
S
N
A
P
1
3
L
e
n
0
1
2
{DSAP, SSAP, CTRL,
OUI[23:16]}
{OUI[15:0], PID[15:0]}
4
5
6
Calculate Checksum
1DWORD
DST
SRC
8
1
0
0
V
I
D
L3 Packet
F
C
S
S
N
A
P
0
S
N
A
P
1
5
L
e
n
0
1
2
{DSAP, SSAP, CTRL,
OUI[23:16]}
{OUI[15:0], PID[15:0]}
6
7
8
Calculate Checksum
8
1
0
0
V
I
D
4
1DWORD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com