Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9730 Datasheet(PDF) 72 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 72 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 68Page - Microchip Technology LAN9730 Datasheet HTML 69Page - Microchip Technology LAN9730 Datasheet HTML 70Page - Microchip Technology LAN9730 Datasheet HTML 71Page - Microchip Technology LAN9730 Datasheet HTML 72Page - Microchip Technology LAN9730 Datasheet HTML 73Page - Microchip Technology LAN9730 Datasheet HTML 74Page - Microchip Technology LAN9730 Datasheet HTML 75Page - Microchip Technology LAN9730 Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 222 page
background image
LAN9730/LAN9730i
DS00001946A-page 72
 2012-2015 Microchip Technology Inc.
4.5.7.1
RX Checksum Calculation
The checksum is calculated 16 bits at a time. In the case of an odd sized frame, an extra byte of zero is used to pad up
to 16 bits.
Consider the following packet: DA, SA, Type, B0, B1, B2 … BN, FCS
Let [A, B] = A*256 + B
If the packet has an even number of octets then
checksum = [B1, B0] + C0 + [B3, B2] + C1 + … + [BN, BN-1] + CN-1
Where C0, C1, ... CN-1 are the carry out results of the intermediate sums.
If the packet has an odd number of octets then
checksum = [B1, B0] + C0 + [B3, B2] + C1 + … + [0, BN] + CN-1
4.5.8
TRANSMIT CHECKSUM OFFLOAD ENGINE (TXCOE)
The transmit checksum offload engine provides assistance to the CPU by calculating a 16-bit checksum, typically for
TCP, for a transmit Ethernet frame. The TXCOE calculates the checksum and inserts the results back into the data
stream as it is transferred to the MAC.
To activate the TXCOE and perform a checksum calculation, the host must first set the TX Checksum Offload Engine
Enable (TX_COE_EN) bit in the Checksum Offload Engine Control Register (COE_CR). The host then pre-pends a 3
DWORD buffer to the data that will be transmitted. The pre-pended buffer includes a TX Command A, TX Command B,
and a 32-bit TX checksum preamble (refer to Table 4-53). When the CK bit of the TX Command ‘B’ is set in conjunction
with the FS bit of TX Command ‘A’ and the TX_COE_EN bit of the COE_CR register, the TXCOE will perform a check-
sum calculation on the associated packet. The TX checksum preamble instructs the TXCOE on the handling of the asso-
ciated packet. The TXCSSP - TX Checksum Start Pointer field of the TX checksum preamble defines the byte offset at
which the data checksum calculation will begin. The checksum calculation will begin at this offset and will continue until
the end of the packet. The data checksum calculation must not begin in the MAC header (first 14 bytes) or in the last 4
bytes of the TX packet. When the calculation is complete, the checksum will be inserted into the packet at the byte offset
defined by the TXCSLOC - TX Checksum Location field of the TX checksum preamble. The TX checksum cannot be
inserted in the MAC header (first 14 bytes) or in the last 4 bytes of the TX packet. If the CK bit is not set in the first TX
Command ‘B’ of a packet, the packet is passed directly through the TXCOE without modification, regardless if the
TXCOE_EN is set. An example of a TX packet with a pre-pended TX checksum preamble can be found in Section
4.4.2.9, "TX Example 3". In this example, the host provides the Ethernet frame to the Ethernet controller (via a USB
packet) in four fragments, the first containing the TX Checksum Preamble. Figure 4-8 shows how these fragments are
loaded into the TX Data FIFO. For more information on the TX Command ‘A’ and TX Command ‘B’, refer to Section
4.4.2.1, "TX Command Format".
If the TX packet already includes a partial checksum calculation (perhaps inserted by an upper layer protocol), this
checksum can be included in the hardware checksum calculation by setting the TXCSSP field in the TX checksum pre-
amble to include the partial checksum. The partial checksum can be replaced by the completed checksum calculation
by setting the TXCSLOC pointer to point to the location of the partial checksum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com