Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9730 Datasheet(PDF) 55 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 55 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 51Page - Microchip Technology LAN9730 Datasheet HTML 52Page - Microchip Technology LAN9730 Datasheet HTML 53Page - Microchip Technology LAN9730 Datasheet HTML 54Page - Microchip Technology LAN9730 Datasheet HTML 55Page - Microchip Technology LAN9730 Datasheet HTML 56Page - Microchip Technology LAN9730 Datasheet HTML 57Page - Microchip Technology LAN9730 Datasheet HTML 58Page - Microchip Technology LAN9730 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 55
LAN9730/LAN9730i
4.4.2.4
FCT Actions
The FCT performs basic sanity checks on the correctness of the buffer configuration, as described in Section 4.4.2.5,
"TX Error Detection". Errors in this regard indicate the TX path is out of sync, which is catastrophic and requires a reini-
tialization of the TX path.
The FCT performs the following steps when extracting an Ethernet frame:
• Strip out TX Command A
• Strip out TX Command B
• Account for the byte offset at the beginning of the frame. Based upon the buffer size and DataStartOffset[1:0] field
of TX Command A, the FCT can numerically determine any unused bytes in the first and last word of the buffer.
When transferring these respective DWORDs to the TLI, the FCT adjusts the byte enables accordingly.
Unlike the write side, the read side of the TX FIFO does not need to support rewinds. Errors are reported via the Trans-
mitter Error (TXE) flag, which is visible to the host via the Interrupt Endpoint and is also set in the Interrupt Status Reg-
ister (INT_STS).
4.4.2.5
TX Error Detection
As previously stated, both TX Command A and TX Command B are required for each buffer in a given frame. TX Com-
mand B must be identical for every buffer in a given frame, with the exception of the TX Checksum Enable (CK) bit. If
the TX Command B words do not match, then the TX path is out of sync and the FCT asserts the Transmitter Error (TXE)
flag.
Similarly, the FCT numerically adds up the size of the frame’s buffers. If there is a numerical mismatch, the TX path is
out of sync and the FCT asserts the Transmitter Error (TXE) flag. The following error conditions are tracked by the FCT:
• Missing FS - The expected first buffer of a frame does not have the FS bit set.
• Unexpected FS - The FS bit is set when the total size of buffers so far opened is less than the frame size.
• Missing LS - The total size of the buffers opened is equal to or exceeds the size of the frame. The FCT expects
this buffer to have the LS bit set and it is not set.
• Unexpected LS - The LS bit is set when the aggregate total size of descriptor buffers so far opened is less than the
frame size.
• Buffer Size is Zero Error - The buffer length field is zero.
• Buffer Size Error - The total sum of the buffers received is not equal to the frame length.
Note:
When a packet is split into multiple buffers, each successive buffer’s data payload may begin on any arbi-
trary byte.
Note:
The FCT can be configured to stall the Bulk-Out pipe when a Transmit Error is detected. This is accom-
plished via the Stall Bulk-Out Pipe Disable (SBP) bit of the Hardware Configuration Register (HW_CFG).
Refer to Section 6.3.5, "Hardware Configuration Register (HW_CFG)" for further details.
Note:
A TX Error is a catastrophic condition. The device should be reset in order to recover from it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com