Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9730 Datasheet(PDF) 28 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 28 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 24Page - Microchip Technology LAN9730 Datasheet HTML 25Page - Microchip Technology LAN9730 Datasheet HTML 26Page - Microchip Technology LAN9730 Datasheet HTML 27Page - Microchip Technology LAN9730 Datasheet HTML 28Page - Microchip Technology LAN9730 Datasheet HTML 29Page - Microchip Technology LAN9730 Datasheet HTML 30Page - Microchip Technology LAN9730 Datasheet HTML 31Page - Microchip Technology LAN9730 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 222 page
background image
LAN9730/LAN9730i
DS00001946A-page 28
 2012-2015 Microchip Technology Inc.
FIGURE 3-2:
POWER CONNECTIONS - INTERNAL REGULATOR DISABLED
+3.3 V (IN)
+1.2 V (OUT)
Internal 1.2 V Core
Regulator
DISABLED
VDD33IO
+3.3 V
VDD12CORE
VDD12CORE
Core Logic
50
21
VDD12USBPLL
17
0.1 µF
51
VDD33A
4
52
VDD33IO
0.1 µF
25
VDD33IO
VDD33IO
48
35
VDD33IO
0.1 µF
0.1 µF
0.1 µF
0.1 µF
0.1 µF
LAN9730/LAN9730i
VDD33A
8
VDD33A
15
0.1 µF
56-PIN VQFN
0.5 A
120 Ohm @
100 MHz
CORE_REG_EN
VDD12PLL
9
0.1 µF
PLL
&
Ethernet PHY
0.5 A
120 Ohm @
100 MHz
0.1 µF
0.5 A
120 Ohm @
100 MHz
12
VSS
Exposed Pad
HSIC
USB PHY
VDD12A
0.1 µF
49
+1.2 V
0.5 A
120 Ohm @
100 MHz
0.1 µF
0.1 µF
1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com