Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9730 Datasheet(PDF) 36 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 36 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 32Page - Microchip Technology LAN9730 Datasheet HTML 33Page - Microchip Technology LAN9730 Datasheet HTML 34Page - Microchip Technology LAN9730 Datasheet HTML 35Page - Microchip Technology LAN9730 Datasheet HTML 36Page - Microchip Technology LAN9730 Datasheet HTML 37Page - Microchip Technology LAN9730 Datasheet HTML 38Page - Microchip Technology LAN9730 Datasheet HTML 39Page - Microchip Technology LAN9730 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 222 page
background image
LAN9730/LAN9730i
DS00001946A-page 36
 2012-2015 Microchip Technology Inc.
Note 4-2
Value is loaded from EEPROM, but must be equal to the default value in order to comply with the USB
2.0 Specification and provide for normal device operation. Specification of any other value will result
in unwanted behavior and untoward operation.
Note 4-3
Default value is dependent on device release. The MSB matches the device release and the LSB is
hardcoded to 00h. The initial release value is 01h.
4.3.1.6.2
Configuration Descriptor
The Configuration Descriptor is initialized based on values stored in EEPROM. Table 4-5 shows the default Configura-
tion Descriptor values.
Note 4-4
Value is loaded from EEPROM, but must be equal to the default value in order to comply with the USB
2.0 Specification and provide for normal device operation. Specification of any other value will result
in unwanted behavior and untoward operation.
Note 4-5
The descriptor type for Configuration Descriptors specified in EEPROM is a “don’t care” and is always
overwritten by hardware as 0x02.
Note 4-6
Default value is 01h in Self-Powered mode and FAh in Bus Powered mode.
TABLE 4-5:
CONFIGURATION DESCRIPTOR
Offset
Field
Size
(Bytes)
Default Value
Loaded from
EEPROM
Description
00h
bLength
1
09h
Note 4-4
Size of the Configuration Descriptor in
bytes (9 bytes)
01h
bDescriptorType
1
02h
Note 4-5
Configuration Descriptor (0x02)
02h
wTotalLength
2
0027h
Note 4-4
Total length in bytes of data returned
(39 bytes)
04h
bNumInterfaces
1
01h
Note 4-4
Number of interfaces
05h
bConfigurationValue
1
01h
Note 4-4
Value to use as an argument to select
this configuration
06h
iConfiguration
1
00h
Yes
Index of String Descriptor describing
this configuration
07h
bmAttributes
1
A0h
Yes
Bus powered and remote wakeup
enabled.
08h
bMaxPower
1
Note 4-6
Yes
Maximum power consumption is
500 mA.
Note:
The RMT_WKP strap affects the default value of bmAttributes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com