Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9730 Datasheet(PDF) 70 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 70 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 66Page - Microchip Technology LAN9730 Datasheet HTML 67Page - Microchip Technology LAN9730 Datasheet HTML 68Page - Microchip Technology LAN9730 Datasheet HTML 69Page - Microchip Technology LAN9730 Datasheet HTML 70Page - Microchip Technology LAN9730 Datasheet HTML 71Page - Microchip Technology LAN9730 Datasheet HTML 72Page - Microchip Technology LAN9730 Datasheet HTML 73Page - Microchip Technology LAN9730 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 222 page
background image
LAN9730/LAN9730i
DS00001946A-page 70
 2012-2015 Microchip Technology Inc.
In mode 1, the RXCOE supports VLAN tags and a SNAP header. In this mode, the RXCOE calculates the checksum at
the start of L3 packet. The VLAN1 tag register is used by the RXCOE to indicate what protocol type is to be used to
indicate the existence of a VLAN tag. This value is typically 8100h.
Example frame configurations:
FIGURE 4-11:
TYPE II ETHERNET FRAME
FIGURE 4-12:
ETHERNET FRAME WITH VLAN TAG
FIGURE 4-13:
ETHERNET FRAME WITH LENGTH FIELD AND SNAP HEADER
DST
SRC
p
r
o
t
0
1
2
3
L3 Packet
F
C
S
Calculate Checksum
1DWORD
DST
SRC
8
1
0
0
V
I
D
0
1
2
3
t
y
p
e
4
L3 Packet
F
C
S
Calculate Checksum
1DWORD
DST
SRC
L3 Packet
F
C
S
S
N
A
P
0
S
N
A
P
1
L
e
n
0
1
2
{DSAP, SSAP, CTRL, OUI[23:16]}
{OUI[15:0], PID[15:0]}
3
4
5
Calculate Checksum
1DWORD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com