Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9730 Datasheet(PDF) 15 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 15 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 11Page - Microchip Technology LAN9730 Datasheet HTML 12Page - Microchip Technology LAN9730 Datasheet HTML 13Page - Microchip Technology LAN9730 Datasheet HTML 14Page - Microchip Technology LAN9730 Datasheet HTML 15Page - Microchip Technology LAN9730 Datasheet HTML 16Page - Microchip Technology LAN9730 Datasheet HTML 17Page - Microchip Technology LAN9730 Datasheet HTML 18Page - Microchip Technology LAN9730 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 15
LAN9730/LAN9730i
1Transmit Data
3
(Internal PHY
Mode)
TXD3
IS/O8
(PU)
In Internal PHY Mode, this pin can be configured
to display the respective internal MII signal. Refer
to the Internal MII Visibility Enable (IME) bit of the
Hardware Configuration Register (HW_CFG) on
page 125 for additional information.
Transmit Data
3
(External
PHY Mode)
TXD3
O8
(PU)
In External PHY Mode, this pin functions as the
transmit data 3 output to the external PHY.
General Pur-
pose I/O 7
(Internal PHY
Mode Only)
GPIO7
IS/O8/
OD8
(PU)
This General Purpose I/O pin is fully programma-
ble as either a push-pull output, an open-drain
output or a Schmitt-triggered input.
Note:
GPIO7 may provide additional external
PHY Link Up related functionality. Refer
to Section 4.12.2.4, "Enabling External
PHY Link Up Wake Events" for
additional information.
HSIC Output
Impedance
Configuration
Strap
50DRIVER_EN
IS
(PU)
The 50DRIVER_EN strap selects the driver out-
put impedance for the HSIC_DATA and
HSIC_STROBE pins.
0 = 40 Ω output impedance
1 = 50 Ω output impedance
See Note 2-1 for more information on configura-
tion straps.
TABLE 2-1:
MII INTERFACE PINS (CONTINUED)
Num Pins
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com