Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9730 Datasheet(PDF) 63 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 63 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 59Page - Microchip Technology LAN9730 Datasheet HTML 60Page - Microchip Technology LAN9730 Datasheet HTML 61Page - Microchip Technology LAN9730 Datasheet HTML 62Page - Microchip Technology LAN9730 Datasheet HTML 63Page - Microchip Technology LAN9730 Datasheet HTML 64Page - Microchip Technology LAN9730 Datasheet HTML 65Page - Microchip Technology LAN9730 Datasheet HTML 66Page - Microchip Technology LAN9730 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 63
LAN9730/LAN9730i
4.5.2
VIRTUAL LOCAL AREA NETWORK (VLAN) SUPPORT
Virtual Local Area Networks or VLANs, as defined within the IEEE 802.3 standard, provide network administrators one
means of grouping nodes within a larger network into broadcast domains. To implement a VLAN, four extra bytes are
added to the basic Ethernet packet. As shown in Figure 4-9, the four bytes are inserted after the Source Address Field
and before the Type/Length field. The first two bytes of the VLAN tag identify the tag, and by convention are set to the
value 0x8100. The last two bytes identify the specific VLAN associated with the packet; they also provide a priority field.
The device supports VLAN-tagged packets. It provides two registers which are used to identify VLAN-tagged packets.
One register should normally be set to the conventional VLAN ID of 0x8100. The other register provides a way of iden-
tifying VLAN frames tagged with a proprietary (not 0x8100) identifier. If a packet arrives bearing either of these tags in
the two bytes succeeding the Source Address field, the controller will recognize the packet as a VLAN-tagged packet.
In this case, the controller increases the maximum allowed packet size from 1518 to 1522 bytes (normally the controller
filters packets larger than 1518 bytes). This allows the packet to be received, and then processed by host software, or
to be transmitted on the network.
FIGURE 4-9:
VLAN FRAME
PREAMBLE
(7 BYTES)
SOF
(1 BYTE)
DEST. ADDR.
(6 BYTES)
SOURCE ADDR.
(6 BYTES)
TYPE
(2 BYTES)
DATA
(46 - 1500 BYTES)
FCS
(4 BYTES)
Ethernet frame
(1518 BYTES)
PREAMBLE
(7 BYTES)
SOF
(1 BYTE)
DEST. ADDR.
(6 BYTES)
SOURCE ADDR.
(6 BYTES)
TYPE
(2 BYTES)
DATA
(46 - 1500 BYTES)
FCS
(4 BYTES)
Ethernet frame with VLAN TAG
(1522 BYTES)
TPID
(2 BYTES)
TYPE
(2 BYTES)
TPID
(2 BYTES)
USER PRIORITY
(3 BITS)
CFI
(1 BIT)
VLAN ID
(12 BITS)
Tag Control Information
(TCI)
Tag Protocol D: \x81-00
Indicates frame's priority
Canonical Address Format Indicator
VID: 12 bits defining the VLAN
to which the frame belongs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com