Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9730 Datasheet(PDF) 24 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 24 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 20Page - Microchip Technology LAN9730 Datasheet HTML 21Page - Microchip Technology LAN9730 Datasheet HTML 22Page - Microchip Technology LAN9730 Datasheet HTML 23Page - Microchip Technology LAN9730 Datasheet HTML 24Page - Microchip Technology LAN9730 Datasheet HTML 25Page - Microchip Technology LAN9730 Datasheet HTML 26Page - Microchip Technology LAN9730 Datasheet HTML 27Page - Microchip Technology LAN9730 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 222 page
background image
LAN9730/LAN9730i
DS00001946A-page 24
 2012-2015 Microchip Technology Inc.
TABLE 2-7:
POWER PINS AND GROUND PAD
Num Pins
Name
Symbol
Buffer
Type
Description
5
+3.3 V I/O
Power
VDD33IO
P
Refer to Chapter 3.0, "Power Connections" and
the device reference schematics for connection
information.
3
+3.3 V Ana-
log Power
VDD33A
P
Refer to Chapter 3.0, "Power Connections" and
the device reference schematics for connection
information.
2
+1.2 V Digital
Core Power
VDD12CORE
P
Refer to Chapter 3.0, "Power Connections" and
the device reference schematics for connection
information.
1
+1.2 V USB
PLL Power
VDD12USBPLL
P
This pin must be connected to VDD12CORE for
proper operation.
Refer to Chapter 3.0, "Power Connections" and
the device reference schematics for additional
connection information.
1
+1.2 V HSIC
Power
VDD12A
P
This pin must be connected to VDD12CORE for
proper operation.
Refer to Chapter 3.0, "Power Connections" and
the device reference schematics for connection
information.
1
+1.2 V Ether-
net PLL
Power
VDD12PLL
P
This pin must be connected to VDD12CORE for
proper operation.
Refer to Chapter 3.0, "Power Connections" and
the device reference schematics for additional
connection information.
Exposed
pad on
package
bottom
(Figure 2-1)
Ground
VSS
P
Common Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com