Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9730 Datasheet(PDF) 38 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 38 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 34Page - Microchip Technology LAN9730 Datasheet HTML 35Page - Microchip Technology LAN9730 Datasheet HTML 36Page - Microchip Technology LAN9730 Datasheet HTML 37Page - Microchip Technology LAN9730 Datasheet HTML 38Page - Microchip Technology LAN9730 Datasheet HTML 39Page - Microchip Technology LAN9730 Datasheet HTML 40Page - Microchip Technology LAN9730 Datasheet HTML 41Page - Microchip Technology LAN9730 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 222 page
background image
LAN9730/LAN9730i
DS00001946A-page 38
 2012-2015 Microchip Technology Inc.
4.3.1.6.5
Endpoint 2 (Bulk-Out) Descriptor
Table 4-8 shows the default value for Endpoint Descriptor 2. This descriptor is not initialized from values stored in
EEPROM.
Note 4-9
512 bytes for Hi-Speed mode.
4.3.1.6.6
Endpoint 3 (Interrupt) Descriptor
Table 4-9 shows the default value for Endpoint Descriptor 3. Only the bInterval field of this descriptor is initialized from
EEPROM.
Note 4-10
This value is loaded from the EEPROM. If no EEPROM exists then this value defaults to 04h.
TABLE 4-8:
ENDPOINT 2 DESCRIPTOR
Offset
Field
Size
(Bytes)
Default Value
Loaded
from
EEPROM
Description
00h
bLength
1
07h
No
Size of descriptor in bytes
01h
bDescriptorType
1
05h
No
Endpoint Descriptor
02h
bEndpointAddress
1
02h
No
Endpoint Address
03h
bmAttributes
1
02h
No
Bulk Transfer Type
04h
wMaxPacketSize
2
Note 4-9
No
Maximum packet size this Endpoint is
capable of sending.
06h
bInterval
1
00h
No
Interval for polling Endpoint data trans-
fers. Ignored for bulk Endpoints
TABLE 4-9:
ENDPOINT 3 DESCRIPTOR
Offset
Field
Size
(Bytes)
Default Value
Loaded
from
EEPROM
Description
00h
bLength
1
07h
No
Size of descriptor in bytes
01h
bDescriptorType
1
05h
No
Endpoint Descriptor
02h
bEndpointAddress
1
83h
No
Endpoint Address
03h
bmAttributes
1
03h
No
Interrupt Transfer Type
04h
wMaxPacketSize
2
10h
No
Maximum packet size this Endpoint is
capable of sending.
06h
bInterval
1
Note 4-10
Yes
Interval for polling Endpoint data trans-
fers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com