Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9730 Datasheet(PDF) 95 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 95 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 91Page - Microchip Technology LAN9730 Datasheet HTML 92Page - Microchip Technology LAN9730 Datasheet HTML 93Page - Microchip Technology LAN9730 Datasheet HTML 94Page - Microchip Technology LAN9730 Datasheet HTML 95Page - Microchip Technology LAN9730 Datasheet HTML 96Page - Microchip Technology LAN9730 Datasheet HTML 97Page - Microchip Technology LAN9730 Datasheet HTML 98Page - Microchip Technology LAN9730 Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 95
LAN9730/LAN9730i
4.7.5
EXAMPLE OF EEPROM FORMAT INTERPRETATION
Table 4-61 and Table 4-62 provide an example of how the contents of an EEPROM are formatted. Table 4-61 is a dump
of the EEPROM memory (256-byte EEPROM), while Table 4-62 illustrates, byte by byte, how the EEPROM is formatted.
TABLE 4-61:
DUMP OF EEPROM MEMORY
Offset Byte
Value
0000h
A5 12 34 56 78 9A BC 01
0008h
04 04 09 04 0A 11 12 16
0010h
10 1F 00 00 00 00 12 27
0018h
12 30 12 39 12 42 00 04
0020h
8A 00 0A 03 53 00 4D 00
0028h
53 00 43 00 12 03 4C 00
0030h
41 00 4E 00 39 00 37 00
0038h
33 00 30 00 10 03 30 00
0040h
30 00 30 00 35 00 31 00
0048h
32 00 33 00 12 01 00 02
0050h
FF 00 FF 40 24 04 30 97
0058h
00 01 01 02 03 01 09 02
0060h
27 00 01 01 00 A0 FA 09
0068h
04 00 00 03 FF 00 FF 00
0070h
12 01 00 02 FF 00 FF 40
0078h
24 04 30 97 00 01 01 02
0080h
03 01 09 02 27 00 01 01
0088h
00 A0 FA 09 04 00 00 03
0090h - 00FFh
FF 00 FF 00 ....................
TABLE 4-62:
EEPROM EXAMPLE - 256 BYTE EEPROM
EEPROM
Address
EEPROM Contents
(Hex)
Description
00h
A5
EEPROM programmed indicator
01h - 06h
12 34 56 78 9A BC
MAC Address 12 34 56 78 9A BC
07h
01
Full-Speed polling interval for Interrupt Endpoint (1 ms)
08h
04
Hi-Speed polling interval for Interrupt Endpoint (4 ms)
09h
04
Configuration Flags - The device is bus powered and supports remote
wakeup, nSPD_LED = Speed Indicator, nLNKA_LED = Link and Activity
Indicator, nFDX_LED = full duplex Link Indicator.
0Ah - 0Bh
09 04
Language ID Descriptor 0409h, English
0Ch
0A
Manufacturer ID String Descriptor Length (10 bytes)
0Dh
11
Manufacturer ID String Descriptor EEPROM Word Offset (11h);
corresponds to EEPROM Byte Offset 22h
0Eh
10
Product Name String Descriptor Length (16 bytes)
0Fh
16
Product Name String Descriptor EEPROM Word Offset (16h);
corresponds to EEPROM Byte Offset 2Ch
10h
10
Serial Number String Descriptor Length (16 bytes)
11h
1E
Serial Number String Descriptor EEPROM Word Offset (1Eh);
corresponds to EEPROM Byte Offset 3Ch
12h
00
Configuration String Descriptor Length (0 bytes - NA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com