Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9730 Datasheet(PDF) 20 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 20 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 16Page - Microchip Technology LAN9730 Datasheet HTML 17Page - Microchip Technology LAN9730 Datasheet HTML 18Page - Microchip Technology LAN9730 Datasheet HTML 19Page - Microchip Technology LAN9730 Datasheet HTML 20Page - Microchip Technology LAN9730 Datasheet HTML 21Page - Microchip Technology LAN9730 Datasheet HTML 22Page - Microchip Technology LAN9730 Datasheet HTML 23Page - Microchip Technology LAN9730 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 222 page
background image
LAN9730/LAN9730i
DS00001946A-page 20
 2012-2015 Microchip Technology Inc.
TABLE 2-4:
MISCELLANEOUS PINS
Num Pins
Name
Symbol
Buffer
Type
Description
1
PHY Select
PHY_SEL
IS
(PD)
Selects whether to use the internal Ethernet PHY
or the external PHY connected to the MII port.
0 = Internal PHY is used.
1 = External PHY is used.
Note:
When in External PHY Mode, the
internal PHY is placed into general
power down after a POR. Refer to
Section 4.6, "10/100 Internal Ethernet
PHY" for details.
1
System Reset
nRESET
IS
(PU)
This active-low pin allows external hardware to
reset the device.
Note:
This pin may be used to signal
PME_CLEAR when PME Mode of
operation is in effect. Refer to Chapter
5.0, "PME Operation" for additional
information.
1
Ethernet
Full-Duplex
Indicator LED
nFDX_LED
OD12
(PU)
This pin is driven low (LED on) when the Ethernet
link is operating in Full-Duplex mode.
General Pur-
pose I/O 8
GPIO8
IS/O12/
OD12
(PU)
This General Purpose I/O pin is fully programma-
ble as either a push-pull output, an open-drain
output or a Schmitt-triggered input.
Note:
This pin may be used to signal PME
when External PHY and PME Modes of
operation are in effect. Refer to Chapter
5.0, "PME Operation" for additional
information.
Note:
By default this pin is configured as a
GPIO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com