Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9730 Datasheet(PDF) 35 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 35 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 31Page - Microchip Technology LAN9730 Datasheet HTML 32Page - Microchip Technology LAN9730 Datasheet HTML 33Page - Microchip Technology LAN9730 Datasheet HTML 34Page - Microchip Technology LAN9730 Datasheet HTML 35Page - Microchip Technology LAN9730 Datasheet HTML 36Page - Microchip Technology LAN9730 Datasheet HTML 37Page - Microchip Technology LAN9730 Datasheet HTML 38Page - Microchip Technology LAN9730 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 222 page
background image
 2012-2015 Microchip Technology Inc.
DS00001946A-page 35
LAN9730/LAN9730i
4.3.1.5
USB Command Processing
The UDC is programmed to decode USB commands. After a standard command is decoded by the UDC, it may be
passed to the CTL for completion. The CTL is responsible for implementing the Get Descriptor and vendor commands.
In order to implement the Get Descriptor command for String Descriptors, the CTL manages a 128 x 32 register file
which stores the string values for Language ID, Manufacturer ID, Product ID, Serial Number, Configuration, and Inter-
face. The RAM’s contents is initialized via the EEPROM, after a system reset occurs.
When the UDC decodes a Get Descriptor command, it will pass a pointer to the CTL. The CTL uses this pointer to deter-
mine what the command is and how to fill it.
4.3.1.6
USB Descriptors
The following subsections describe the USB descriptors.
4.3.1.6.1
Device Descriptor
The Device Descriptors are initialized based on values stored in EEPROM. Table 4-4 shows the default Device Descrip-
tor values.
Note 4-1
The descriptor length and descriptor type for Device Descriptors specified in EEPROM are “don’t
cares” and are always overwritten by hardware as 0x12 and 0x01, respectively.
TABLE 4-3:
STRING DESCRIPTOR INDEX MAPPINGS
Index
String Name
0
Language ID
1
Manufacturer ID
2
Product ID
3
Serial Number
4
Configuration String
5
Interface String
TABLE 4-4:
DEVICE DESCRIPTOR
Offset
Field
Size
(Bytes)
Default Value
Loaded from
EEPROM
Description
00h
bLength
1
12h
Note 4-1
Size of the descriptor in bytes
(18 bytes)
01h
bDescriptorType
1
01h
Note 4-1
Device descriptor (0x01)
02h
bcdUSB
2
0200h
Note 4-2
USB Specification Number which
device complies to.
04h
bDeviceClass
1
FFh
Yes
Class Code
05h
bDeviceSubClass
1
00h
Yes
Subclass Code
06h
bDeviceProtocol
1
FFh
Yes
Protocol Code
07h
bMaxPacketSize
1
40h
Note 4-2
Maximum Packet Size for Endpoint 0
08h
IdVendor
2
0424h
Yes
Vendor ID
0Ah
IdProduct
2
9730h
Yes
Product ID
0Ch
bcdDevice
2
Note 4-3
Yes
Device Release Number
0Eh
iManufacturer
1
00h
Yes
Index of Manufacturer String Descriptor
0Fh
iProduct
1
00h
Yes
Index of Product String Descriptor
10h
iSerialNumber
1
00h
Yes
Index of Serial Number String Descrip-
tor
11h
bNumConfigurations
1
01h
Note 4-2
Number of possible configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com