Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9730 Datasheet(PDF) 60 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 60 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 56Page - Microchip Technology LAN9730 Datasheet HTML 57Page - Microchip Technology LAN9730 Datasheet HTML 58Page - Microchip Technology LAN9730 Datasheet HTML 59Page - Microchip Technology LAN9730 Datasheet HTML 60Page - Microchip Technology LAN9730 Datasheet HTML 61Page - Microchip Technology LAN9730 Datasheet HTML 62Page - Microchip Technology LAN9730 Datasheet HTML 63Page - Microchip Technology LAN9730 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 222 page
background image
LAN9730/LAN9730i
DS00001946A-page 60
 2012-2015 Microchip Technology Inc.
4.4.2.10
Flushing the TX FIFO
The device allows for the host to flush the entire contents of the FCT TX FIFO. When a flush is activated, the read and
write pointers for the TX FIFO are returned to their reset state.
Before flushing the TX FIFO, the device’s transmitter must be stopped, as specified in Section 4.4.2.11. Once the trans-
mitter stop completion is confirmed, the Transmit FIFO Flush bit can be set in the Transmit Configuration Register
(TX_CFG) on page 124. This bit is cleared after the flush is complete.
FIGURE 4-8:
TX EXAMPLE 3
TX Command A
TX Command B
TX Command A
TX Command B
115 Byte
Ethernet
Frame
15 Byte Payload
79 Byte Payload
USB Packet 0
TX Command A
TX Command B
TX Command A
Data Start Offset = 0
First Segment = 1
Last Segment = 0
Buffer Size = 4
TX Command B
Frame Length = 111
TX Checksum Enable = 1
Checksum Preamble
TX Checksum Location = 50
TX Checksum Start Pointer = 14
.
.
.
Checksum Preamble
TX Command A
Data Start Offset = 3
First Segment = 0
Last Segment = 0
Buffer Size = 79
TX Command B
Frame Length = 111
TX Checksum Enable = 1
TX Command A
TX Command B
TX Command A
TX Command B
TX Command A
Data Start Offset = 0
First Segment = 0
Last Segment = 0
Buffer Size = 15
TX Command B
Frame Length = 111
TX Checksum Enable = 1
TX Command A
Data Start Offset = 2
First Segment = 0
Last Segment = 1
Buffer Size = 17
TX Command B
Frame Length = 111
TX Checksum Enable = 1
17 Byte Payload



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com