Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9730 Datasheet(PDF) 42 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 42 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 38Page - Microchip Technology LAN9730 Datasheet HTML 39Page - Microchip Technology LAN9730 Datasheet HTML 40Page - Microchip Technology LAN9730 Datasheet HTML 41Page - Microchip Technology LAN9730 Datasheet HTML 42Page - Microchip Technology LAN9730 Datasheet HTML 43Page - Microchip Technology LAN9730 Datasheet HTML 44Page - Microchip Technology LAN9730 Datasheet HTML 45Page - Microchip Technology LAN9730 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 222 page
background image
LAN9730/LAN9730i
DS00001946A-page 42
 2012-2015 Microchip Technology Inc.
4.3.2
USB STANDARD COMMANDS
This section lists the formats of the supported USB Standard Commands. The Set Descriptor, Set Interface, and Synch
Frame commands are not supported.
4.3.2.1
Clear Feature
This command clears the Stall status of the targeted Endpoint or the device remote wakeup.
Note 4-14
Set to 00h to clear device remote wakeup event. Set to 02h to clear the Endpoint stall status.
Note 4-15
When the bmRequestType field specifies an Endpoint, the wIndex field selects the Endpoint (0, 1, 2,
or 3) targeted by the command.
4.3.2.2
Get Configuration
TABLE 4-15:
FORMAT OF CLEAR FEATURE SETUP STAGE
Offset
Field
Value
0h
bmRequestType
Note 4-14
1h
bRequest
01h
2h
wValue
Selects feature to clear.
4h
wIndex
Note 4-15
6h
wLength
00h
TABLE 4-16:
FORMAT OF GET CONFIGURATION SETUP STAGE
Offset
Field
Value
0h
bmRequestType
80h
1h
bRequest
08h
2h
wValue
00h
4h
wIndex
00h
6h
wLength
01h
TABLE 4-17:
FORMAT OF GET CONFIGURATION DATA STAGE
Offset
Field
0h
Returns bConfigurationValue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com