Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9730 Datasheet(PDF) 102 Page - Microchip Technology

Part # LAN9730
Description  High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9730 Datasheet(HTML) 102 Page - Microchip Technology

Back Button LAN9730 Datasheet HTML 98Page - Microchip Technology LAN9730 Datasheet HTML 99Page - Microchip Technology LAN9730 Datasheet HTML 100Page - Microchip Technology LAN9730 Datasheet HTML 101Page - Microchip Technology LAN9730 Datasheet HTML 102Page - Microchip Technology LAN9730 Datasheet HTML 103Page - Microchip Technology LAN9730 Datasheet HTML 104Page - Microchip Technology LAN9730 Datasheet HTML 105Page - Microchip Technology LAN9730 Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 222 page
background image
LAN9730/LAN9730i
DS00001946A-page 102
 2012-2015 Microchip Technology Inc.
4.11
Power States
The following power states are featured.
• NORMAL (Unconfigured and Configured)
• Suspend (SUSPEND0, SUSPEND1, SUSPEND2, and SUSPEND3)
Figure 4-29 illustrates the power states and allowed state transitions.
4.11.1
NORMAL STATE
The NORMAL state is the fully functional state of the device. The are two flavors of the NORMAL state, NORMAL Con-
figured and NORMAL Unconfigured. In the Configured variation, all chip subsystem modules are enabled. The Uncon-
figured variation has only a subset of the modules enabled. The reduced functionality allows for power savings.
This NORMAL state is entered by any of the following methods:
• A system reset is asserted.
• The device is suspended and the host issues resume signaling.
• The device is suspended and a wake event is detected.
4.11.1.1
Unconfigured
Upon initially entering the NORMAL state, the device is unconfigured. The device transitions to the NORMAL Configured
state upon the host completion of the USB configuration.
It is possible for the device to be deconfigured by the host after being placed in the NORMAL Configured state, via a
set_configuration command. In this case, the CPM must place the device back into the NORMAL Unconfigured state.
4.11.1.2
Reset Operation
After a system reset, the device is placed into the NORMAL Unconfigured state. When in the NORMAL state, the
READY bit in the Power Management Control Register (PMT_CTL) is set. This READY bit is useful to the host after a
USB reset occurs. In this case, it indicates that the values in the EEPROM have been completely loaded.
FIGURE 4-29:
POWER STATES
Note:
It is not possible to transition from SUSPEND2 to NORMAL Configured if SUSPEND2 was entered via a
transition from NORMAL Unconfigured.
NORMAL
(Configured)
SUSPEND0
SUSPEND1
SUSPEND2
USB Resume ||
PHY Linkup ||
WOL || GPIO
USB Suspend
USB Resume ||
GPIO
USB Suspend
USB Resume ||
Energy Detect ||
GPIO
USB Suspend
POR || nRESET ||
USB Reset || SRST
NORMAL
(Unconfigured)
Configured
Deconfigured
USB Resume ||
GPIO
USB Suspend
SUSPEND3
USB Suspend
USB Resume ||
PHY Linkup ||
Frame Rec’d || GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com