Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01 Datasheet(PDF) 55 Page - STMicroelectronics

Part # POWERSTEP01
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button POWERSTEP01 Datasheet HTML 51Page - STMicroelectronics POWERSTEP01 Datasheet HTML 52Page - STMicroelectronics POWERSTEP01 Datasheet HTML 53Page - STMicroelectronics POWERSTEP01 Datasheet HTML 54Page - STMicroelectronics POWERSTEP01 Datasheet HTML 55Page - STMicroelectronics POWERSTEP01 Datasheet HTML 56Page - STMicroelectronics POWERSTEP01 Datasheet HTML 57Page - STMicroelectronics POWERSTEP01 Datasheet HTML 58Page - STMicroelectronics POWERSTEP01 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 92 page
background image
DocID025022 Rev 5
55/92
powerSTEP01
Programming manual
92
11.1.8
MIN_SPEED
The MIN_SPEED register contains the following parameters:
The MIN_SPEED parameter contains the speed profile minimum speed. Its value is
expressed in step/tick and to convert it in step/s the following formula can be used:
Equation 8
where MIN_SPEED is the integer number stored in the register and tick is the ramp 250 ns.
The available range is from 0 to 976.3 step/s with a resolution of 0.238 step/s.
When the LSPD_OPT bit is set high, low speed optimization feature is enabled (voltage
mode driving only) and the MIN_SPEED value indicates the speed threshold below which
the compensation works. In this case the minimum speed of the speed profile is set to zero.
Any attempt to write the register when the motor is running causes the CMD_ERROR flag to
rise.
11.1.9
FS_SPD
The FS_SPD register contains the following parameters:
The FS_SPD threshold speed value over which the step mode is automatically switched to
full-step two-phase on. Its value is expressed in step/tick (format unsigned fixed point 0.18)
and to convert it in step/s the following formula can be used:
Equation 9
If FS_SPD value is set to hFF (max.) the system always works in Microstepping mode
(SPEED must go over the threshold to switch to Full-step mode). Setting FS_SPD to zero
does not have the same effect as setting the step mode to full-step two-phase on: the zero
FS_SPD value is equivalent to a speed threshold of about 7.63 step/s.
The available range is from 7.63 to 15625 step/s with a resolution of 15.25 step/s.
The BOOST_MODE bit sets the amplitude of the voltage squarewave during the full-step
operation (see Section on page 24).
Table 14. MIN_SPEED register
Bit 12
Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
LSPD_OPT
MIN_SPEED
step/s
 MIN_SPEED 2
24
–
tick
---------------------------------------------------
=
Table 15. FS_SPD register
Bit 10
Bit 9
Bit 8
Bit 7 Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BOOST_MODE
FS_SPD
step/s

FS_SPD 0.5
+
 2
18
–
tick
-----------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com