Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01 Datasheet(PDF) 79 Page - STMicroelectronics

Part # POWERSTEP01
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button POWERSTEP01 Datasheet HTML 75Page - STMicroelectronics POWERSTEP01 Datasheet HTML 76Page - STMicroelectronics POWERSTEP01 Datasheet HTML 77Page - STMicroelectronics POWERSTEP01 Datasheet HTML 78Page - STMicroelectronics POWERSTEP01 Datasheet HTML 79Page - STMicroelectronics POWERSTEP01 Datasheet HTML 80Page - STMicroelectronics POWERSTEP01 Datasheet HTML 81Page - STMicroelectronics POWERSTEP01 Datasheet HTML 82Page - STMicroelectronics POWERSTEP01 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 92 page
background image
DocID025022 Rev 5
79/92
powerSTEP01
Programming manual
92
If the SW_MODE bit of the CONFIG register is set low, the external switch turn-on event
causes a HardStop interrupt instead of the SoftStop one (Section 7.14 on page 33 and
Section 11.1.27 on page 66).
This command keeps the BUSY flag low until the switch turn-on event occurs and the motor
is stopped. This command can be given anytime and is immediately executed.
11.2.11
ReleaseSW (ACT, DIR)
The ReleaseSW command produces a motion at minimum speed imposing a forward
(DIR = '1') or reverse (DIR = '0') rotation. When SW is released (opened) the ABS_POS
register is reset (ACT = '0') or the ABS_POS register value is copied into the MARK register
(ACT = '1'); the system then performs a HardStop command.
Note that, resetting the ABS_POS register is equivalent to setting the HOME position.
If the minimum speed value is less than 5 step/s or low speed optimization is enabled, the
motion is performed at 5 step/s.
The ReleaseSW command keeps the BUSY flag low until the switch input is released and
the motor is stopped.
11.2.12
GoHome
The GoHome command produces a motion to the HOME position (zero position) via the
shortest path.
Note that, this command is equivalent to the “GoTo(0…0)” command. If a motor direction is
mandatory, the GoTo_DIR command must be used (Section 11.2.9 on page 78).
The GoHome command keeps the BUSY flag low until the home position is reached. This
command can be given only when the previous motion command has been completed. Any
attempt to perform a GoHome command when a previous command is under execution
(BUSY low) causes the command to be ignored and the CMD_ERROR to rise
(Section 11.1.28 on page 71).
Table 70. ReleaseSW command structure
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
1
0
0
1
ACT
0
1
DIR
From host
Table 71. GoHome command structure
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
01110000
From host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com