Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01 Datasheet(PDF) 29 Page - STMicroelectronics

Part # POWERSTEP01
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button POWERSTEP01 Datasheet HTML 25Page - STMicroelectronics POWERSTEP01 Datasheet HTML 26Page - STMicroelectronics POWERSTEP01 Datasheet HTML 27Page - STMicroelectronics POWERSTEP01 Datasheet HTML 28Page - STMicroelectronics POWERSTEP01 Datasheet HTML 29Page - STMicroelectronics POWERSTEP01 Datasheet HTML 30Page - STMicroelectronics POWERSTEP01 Datasheet HTML 31Page - STMicroelectronics POWERSTEP01 Datasheet HTML 32Page - STMicroelectronics POWERSTEP01 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 92 page
background image
DocID025022 Rev 5
29/92
powerSTEP01
Functional description
92
7.8
Internal oscillator and oscillator driver
The control logic clock can be supplied by the internal 16-MHz oscillator, an external
oscillator (crystal or ceramic resonator) or a direct clock signal.
These working modes can be selected by EXT_CLK and OSC_SEL parameters in the
CONFIG register (see Table 41 on page 66).
At power-up the device starts using the internal oscillator and provides a 2-MHz clock signal
on the OSCOUT pin.
Attention: In any case, before changing clock source configuration,
a hardware reset is mandatory. Switching to different clock
configurations during operation may cause unexpected
behavior.
7.8.1
Internal oscillator
In this mode the internal oscillator is activated and OSCIN is unused. If the OSCOUT clock
source is enabled, the OSCOUT pin provides a 2, 4, 8 or 16-MHz clock signal (according to
OSC_SEL value); otherwise it is unused (see Figure 12).
7.8.2
External clock source
Two types of external clock source can be selected: crystal/ceramic resonator or direct clock
source. Four programmable clock frequencies are available for each external clock source:
8, 16, 24 and 32-MHz.
When an external crystal/resonator is selected, the OSCIN and OSCOUT pins are used to
drive the crystal/resonator (see Figure 12). The crystal/resonator and load capacitors (CL)
must be placed as close as possible to the pins. Refer to Table 7 for the choice of the load
capacitor value according to the external oscillator frequency.
If a direct clock source is used, it must be connected to the OSCIN pin and the OSCOUT pin
supplies the inverted OSCIN signal (see Figure 12).
The powerSTEP01 integrates a clock detection system that resets the device in case of the
failure of the external clock source (direct or crystal/resonator). The monitoring of the clock
source is disabled by default, it can be enabled setting high the WD_EN bit in the
Table 7. CL values according to external oscillator frequency
Crystal/resonator freq.(1)
1. First harmonic resonance frequency.
CL(2)
2. Lower ESR value allows driving greater load capacitors.
8 MHz
25 pF (ESRmax = 80 )
16 MHz
18 pF (ESRmax = 50 )
24 MHz
15 pF (ESRmax = 40 )
32 MHz
10 pF (ESRmax = 40 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com