Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01 Datasheet(PDF) 60 Page - STMicroelectronics

Part # POWERSTEP01
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button POWERSTEP01 Datasheet HTML 56Page - STMicroelectronics POWERSTEP01 Datasheet HTML 57Page - STMicroelectronics POWERSTEP01 Datasheet HTML 58Page - STMicroelectronics POWERSTEP01 Datasheet HTML 59Page - STMicroelectronics POWERSTEP01 Datasheet HTML 60Page - STMicroelectronics POWERSTEP01 Datasheet HTML 61Page - STMicroelectronics POWERSTEP01 Datasheet HTML 62Page - STMicroelectronics POWERSTEP01 Datasheet HTML 63Page - STMicroelectronics POWERSTEP01 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 92 page
background image
Programming manual
powerSTEP01
60/92
DocID025022 Rev 5
Any attempt to write to the register when the motor is running causes the command to be
ignored and CMD_ERROR to rise (see Section 11.1.28 on page 71).
11.1.20
ADC_OUT
The ADC_OUT register contains the result of the analog to digital conversion of the ADCIN
pin voltage.
Any attempt to write to the register causes the command to be ignored and the CMD_ER-
ROR to rise.
Table 22. Minimum off-time
TOFF MIN [6 … 0]
Time
0
0
0
0
0
0
0
0.5 µs
0
0
0
0
0
0
1
1 µs
1
1
1
1
1
1
0
63.5 µs
1
1
1
1
1
1
1
64 µs
Table 23. ADC_OUT value and motor supply voltage compensation feature
VS
VADCIN/ VREG
ADC_OUT [4 … 0]
Compensation
coefficient
Greater than VS,nom + 50%
> 24/32
1
1
X
X
X
0.65625
VS,nom + 50%
24/32
1
1
0
0
0
0.65625
VS,nom
16/32
1
000
0
1
VS,nom – 50%
8/32
0
1
0
0
0
1.968875
Lesser than VS,nom – 50%
< 8/32
0
0
X
X
X
1.968875
Table 24. ADC_OUT value and torque regulation feature
VADCIN/ VREG
ADC_OUT [4 … 0]
Reference voltage
0
000
00
31.25 mV
1/32
0
0
0
0
1
62.5 mV
30/32
1
1
1
1
0
968.8 mV
31/32
1
1
1
1
1
1000 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com