Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01 Datasheet(PDF) 38 Page - STMicroelectronics

Part # POWERSTEP01
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button POWERSTEP01 Datasheet HTML 34Page - STMicroelectronics POWERSTEP01 Datasheet HTML 35Page - STMicroelectronics POWERSTEP01 Datasheet HTML 36Page - STMicroelectronics POWERSTEP01 Datasheet HTML 37Page - STMicroelectronics POWERSTEP01 Datasheet HTML 38Page - STMicroelectronics POWERSTEP01 Datasheet HTML 39Page - STMicroelectronics POWERSTEP01 Datasheet HTML 40Page - STMicroelectronics POWERSTEP01 Datasheet HTML 41Page - STMicroelectronics POWERSTEP01 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 92 page
background image
Phase current control: voltage mode
powerSTEP01
38/92
DocID025022 Rev 5
8
Phase current control: voltage mode
When the voltage mode driving is selected (CM_VM bit in STEP_MODE register is set to 0),
the powerSTEP01 controls the phase current applying a sinusoidal voltage to motor
windings. Phase current amplitude is not directly controlled but depends on phase voltage
amplitude, load torque, motor electrical characteristics and rotation speed. Sinewave
amplitude is proportional to the motor supply voltage multiplied by a coefficient (KVAL). KVAL
ranges from 0 to 100% and the sinewave amplitude can be obtained through the following
formula:
Equation 1
Different KVAL values can be programmed for acceleration, deceleration and constant speed
phases and when the motor is stopped (HOLD phase) through KVAL_ACC, KVAL_DEC,
KVAL_RUN and KVAL_HOLD registers (Section 11.1.10 on page 56). KVAL value is
calculated according to the following formula:
Equation 2
where KVAL_X is the starting KVAL value programmed for the present motion phase
(KVAL_ACC, KVAL_DEC, KVAL_RUN or KVAL_HOLD), BEMF_COMP is the BEMF
compensation curve value, VSCOMP and K_THERM are the motor supply voltage and
winding resistance compensation factors and microstep is the current microstep value
(fraction of target peak current).
The powerSTEP01 offers various methods to guarantee a stable current value, allowing the
compensation of:
Low speed distortion (Section 8.3)
Back electromotive force (Section 8.4)
Motor supply voltage variation (Section 8.5)
Winding resistance variation (Section 8.6 on page 42)
VOUT
VS KVAL
=
KVAL
KVAL_X BEMF_COMP
+
 VSCOMP K_THERM
 microst
ep
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com