Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01 Datasheet(PDF) 72 Page - STMicroelectronics

Part # POWERSTEP01
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button POWERSTEP01 Datasheet HTML 68Page - STMicroelectronics POWERSTEP01 Datasheet HTML 69Page - STMicroelectronics POWERSTEP01 Datasheet HTML 70Page - STMicroelectronics POWERSTEP01 Datasheet HTML 71Page - STMicroelectronics POWERSTEP01 Datasheet HTML 72Page - STMicroelectronics POWERSTEP01 Datasheet HTML 73Page - STMicroelectronics POWERSTEP01 Datasheet HTML 74Page - STMicroelectronics POWERSTEP01 Datasheet HTML 75Page - STMicroelectronics POWERSTEP01 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 92 page
background image
Programming manual
powerSTEP01
72/92
DocID025022 Rev 5
The CMD_ERROR flag is active high and indicates that the command received by SPI can't
be performed or does not exist at all.
The SW_F report the SW input status (low for open and high for closed).
The SW_EVN flag is active high and indicates a switch turn-on event (SW input falling
edge).
TH_STATUS bits indicate the current device thermal status (see Section 7.12 on page 32):
UVLO, UVLO_ADC, OCD, STEP_LOSS_A, STEP_LOSS_B, CMD_ERROR, SW_EVN and
TH_STATUS bits are latched: when the respective conditions make them active (low or
high) they remain in that state until a GetStatus command is sent to the IC.
The BUSY bit reflects the BUSY pin status. The BUSY flag is low when a constant speed,
positioning or motion command is under execution and is released (high) after the
command have been completed.
The STCK_MOD bit is an active high flag indicating that the device is working in step clock
mode. In this case the step clock signal should be provided through STCK input pin.
The DIR bit indicates the current motor direction:
MOT_STATUS indicates the current motor status:
Any attempt to write to the register causes the command to be ignored and the
CMD_ERROR flag to rise.
Table 57. STATUS register TH_STATUS bits
TH_STATUS
Status
0
0
Normal
01
Warning
1
0
Bridge shutdown
1
1
Device shutdown
Table 58. STATUS register DIR bit
DIR
Motor direction
1Forward
0
Reverse
Table 59. STATUS register MOT_STATUS bits
MOT_STATUS
Motor status
0
0
Stopped
0
1
Acceleration
10
Deceleration
1
1
Constant speed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com