Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01 Datasheet(PDF) 91 Page - STMicroelectronics

Part # POWERSTEP01
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button POWERSTEP01 Datasheet HTML 84Page - STMicroelectronics POWERSTEP01 Datasheet HTML 85Page - STMicroelectronics POWERSTEP01 Datasheet HTML 86Page - STMicroelectronics POWERSTEP01 Datasheet HTML 87Page - STMicroelectronics POWERSTEP01 Datasheet HTML 88Page - STMicroelectronics POWERSTEP01 Datasheet HTML 89Page - STMicroelectronics POWERSTEP01 Datasheet HTML 90Page - STMicroelectronics POWERSTEP01 Datasheet HTML 91Page - STMicroelectronics POWERSTEP01 Datasheet HTML 92Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 91 / 92 page
background image
DocID025022 Rev 5
91/92
powerSTEP01
Revision history
92
13
Revision history
2
Table 81. Document revision history
Date
Revision
Changes
22-Jul-2013
1
Initial release.
16-Jun-2014
2
Several modifications.
03-Oct-2014
3
Updated main title on page 1 (replaced “8-N channel” by “10 A”).
Updated package silhouette on page 1 (replaced by new figure).
Updated Section : Applications on page 1 (added sub-list).
Updated Table 2 on page 10 (removed “Ptot”, “Peak” and unit of IOUT1x symbol).
Updated Table 4 on page 12 (updated “Test conditions” and values of RDS(on), SROUT,
IDSS and tOCD,SD symbols).
Added Section 7.15 on page 34. Minor modifications throughout document.
22-Apr-2015
4
Document updated from “preliminary” to “production data”.
Updated Table 4 on page 12 (updated max. values).
Updated Table 5 on page 18 (updated pin no. of OUTA1).
Updated Table 8 on page 32 [replaced “Of” by “On” in High-side gate driver supply turn-
on threshold
VBOOTthon)].
Updated Table 12 on page 51 (updated length column of STEP_MODE and FS_SPD).
Updated Table 15 on page 55 (removed Bit 11 column).
Updated Section 12: Package information on page 83 (replaced Figure 30 to Figure 32
and Table 80 by new figures/table).
Minor modifications throughout document.
10-Jun-2015
5
Updated Table 4 on page 12 (updated max. values).
Updated Table 45 on page 68 (updated values).
Added Figure 33 on page 87 to Figure 36 on page 90.
Minor modifications throughout document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com