Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01 Datasheet(PDF) 41 Page - STMicroelectronics

Part # POWERSTEP01
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button POWERSTEP01 Datasheet HTML 37Page - STMicroelectronics POWERSTEP01 Datasheet HTML 38Page - STMicroelectronics POWERSTEP01 Datasheet HTML 39Page - STMicroelectronics POWERSTEP01 Datasheet HTML 40Page - STMicroelectronics POWERSTEP01 Datasheet HTML 41Page - STMicroelectronics POWERSTEP01 Datasheet HTML 42Page - STMicroelectronics POWERSTEP01 Datasheet HTML 43Page - STMicroelectronics POWERSTEP01 Datasheet HTML 44Page - STMicroelectronics POWERSTEP01 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 92 page
background image
DocID025022 Rev 5
41/92
powerSTEP01
Phase current control: voltage mode
92
To obtain different current values during acceleration and deceleration phase, two different
final slope values, and consequently two different compensation curves, can be
programmed.
Acceleration compensation curve is applied when the motor runs. No BEMF compensation
is applied when the motor is stopped.
8.5
Motor supply voltage compensation
The sinewave amplitude generated by the PWM modulators is directly proportional to the
motor supply voltage (VS). When the motor supply voltage is different from its nominal
value, the motor phases are driven with an incorrect voltage. The powerSTEP01 can
compensate motor supply voltage variations in order to avoid this effect.
The motor supply voltage should be connected to the integrated ADC input through
a resistor divider in order to obtain VREG/2 voltage at the ADCIN pin when VS is at its
nominal value (see Figure 18).
The ADC input is sampled at fS frequency, which is equal to PWM frequency.
Figure 17. BEMF compensation curve
AM12835v1
Speed
Compensation
value
INT_SPEED
ST_SLP
FN_SLP_ACC
FN_SLP_DEC
Figure 18. Motor supply voltage compensation circuit
AM12836v1
ADCIN
ADC
5
f
PWM
ADC_OUT
V
S
V
REG
R
A
R
B
V
ADCIN = VS x RB
/ (R
A
+ R
B
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com