Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01 Datasheet(PDF) 46 Page - STMicroelectronics

Part # POWERSTEP01
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button POWERSTEP01 Datasheet HTML 42Page - STMicroelectronics POWERSTEP01 Datasheet HTML 43Page - STMicroelectronics POWERSTEP01 Datasheet HTML 44Page - STMicroelectronics POWERSTEP01 Datasheet HTML 45Page - STMicroelectronics POWERSTEP01 Datasheet HTML 46Page - STMicroelectronics POWERSTEP01 Datasheet HTML 47Page - STMicroelectronics POWERSTEP01 Datasheet HTML 48Page - STMicroelectronics POWERSTEP01 Datasheet HTML 49Page - STMicroelectronics POWERSTEP01 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 92 page
background image
Phase current control: current mode
powerSTEP01
46/92
DocID025022 Rev 5
9.3
Auto-adjusted fast decay during the falling steps
When the target current is decreased by a microstep change (falling step), the device
performs a fast decay in order to reach the new value as fast as possible. However,
exceeding the fast duration could cause a strong ripple on the step change. The
powerSTEP01 automatically adjusts these fast decays reducing the current ripple.
At reset the fast decay value (tFALL) is set to FALL_STEP/4 (T_FAST register). The tFALL
value is doubled every time, within the same falling step, an extra fast decay is necessary to
obtain an on-time greater than TON_MIN (see Section 11.1.18 on page 59). The maximum
tFALL value is equal to FALL_STEP.
At the next falling step, the system uses the last tFALL value of the previous falling step.
Stopping the motor or reaching the current sinewave zero crossing causes the current
control system to return to the reset state.
Figure 22. Adaptive decay - switch from normal to slow+ fast decay mode and vice
versa
Time
Time
reference current
1
st fast decay
Target current is increased (raising step)
2nd fast decay
system returns to slow decay mode and tFAST vaule is halved
switch to fast + slow decay mode
t
FAST
t
OFF,FAST
t
OFF,SLOW
t
OFF
t
OFF
reference current
AM15051v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com