Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01 Datasheet(PDF) 57 Page - STMicroelectronics

Part # POWERSTEP01
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button POWERSTEP01 Datasheet HTML 53Page - STMicroelectronics POWERSTEP01 Datasheet HTML 54Page - STMicroelectronics POWERSTEP01 Datasheet HTML 55Page - STMicroelectronics POWERSTEP01 Datasheet HTML 56Page - STMicroelectronics POWERSTEP01 Datasheet HTML 57Page - STMicroelectronics POWERSTEP01 Datasheet HTML 58Page - STMicroelectronics POWERSTEP01 Datasheet HTML 59Page - STMicroelectronics POWERSTEP01 Datasheet HTML 60Page - STMicroelectronics POWERSTEP01 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 92 page
background image
DocID025022 Rev 5
57/92
powerSTEP01
Programming manual
92
When ST_SLP, FN_SLP_ACC and FN_SLP_DEC parameters are set to zero, no BEMF
compensation is performed.
Any attempt to write the register when the motor is running causes the command to be
ignored and the CMD_ERROR flag to rise (Section 11.1.28 on page 71).
11.1.13
FN_SLP_ACC
This register is specific for voltage mode driving (see Section 8 on page 38).
The FN_SLP_ACC register contains the BEMF compensation curve slope that is used when
the speed is greater than the intersect speed during acceleration (Section 8.4 on page 40
for details). Its value is expressed in s/step and the available range is from 0 to 0.004 with a
resolution of 0.000015.
When ST_SLP, FN_SLP_ACC and FN_SLP_DEC parameters are set to zero, no BEMF
compensation is performed.
Any attempt to write the register when the motor is running causes the command to be
ignored and the CMD_ERROR flag to rise (Section 11.1.28).
11.1.14
FN_SLP_DEC
This register is specific for voltage mode driving (see Section 8).
The FN_SLP_DEC register contains the BEMF compensation curve slope that is used when
the speed is greater than the intersect speed during deceleration (Section 8.4 for details). Its
value is expressed in s/step and the available range is from 0 to 0.004 with a resolution of
0.000015.
When ST_SLP, FN_SLP_ACC and FN_SLP_DEC parameters are set to zero, no BEMF
compensation is performed.
Any attempt to write the register when the motor is running causes the command to be
ignored and the CMD_ERROR flag to rise (Section 11.1.28).
11.1.15
K_THERM
This register is specific for voltage mode driving (see Section 8).
The K_THERM register contains the value used by the winding resistance thermal drift
compensation system (Section 8.6 on page 42).
The available range is from 1 to 1.46875 with a resolution of 0.03125, as shown in Table 17.
Table 17. Winding resistance thermal drift compensation coefficient
K_THERM [3 … 0]
Compensation coefficient
0000
1
0001
1.03125
1110
1.4375
1111
1.46875



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com