Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01 Datasheet(PDF) 33 Page - STMicroelectronics

Part # POWERSTEP01
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button POWERSTEP01 Datasheet HTML 29Page - STMicroelectronics POWERSTEP01 Datasheet HTML 30Page - STMicroelectronics POWERSTEP01 Datasheet HTML 31Page - STMicroelectronics POWERSTEP01 Datasheet HTML 32Page - STMicroelectronics POWERSTEP01 Datasheet HTML 33Page - STMicroelectronics POWERSTEP01 Datasheet HTML 34Page - STMicroelectronics POWERSTEP01 Datasheet HTML 35Page - STMicroelectronics POWERSTEP01 Datasheet HTML 36Page - STMicroelectronics POWERSTEP01 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 92 page
background image
DocID025022 Rev 5
33/92
powerSTEP01
Functional description
92
7.13
Reset and standby
The device can be reset and put into Standby mode through the STBY/RESET pin. When it
is forced low, all the MOSFETs are turned off (High Z state), the charge pump is stopped,
the SPI interface and control logic are disabled and the internal VREG voltage regulator
maximum output current is limited; as a result, the powerSTEP01 heavily reduces the power
consumption. At the same time the register values are reset to their default and all the
protection functions are disabled. The STBY/RESET input must be forced low at least for
tSTBY,min in order to ensure the complete switch to Standby mode.
On exiting Standby mode, as well as for IC power-up, a delay must be given before applying
a new command to allow proper oscillator and charge pump startup. Actual delay could vary
according to the values of the charge pump external components.
On exiting Standby mode all the MOSFETs are off and the HiZ flag is high.
The registers can be reset to the default values without putting the device into Standby
mode through the ResetDevice command (Section 11.2.14 on page 80).
7.14
External switch (SW pin)
The SW input is internally pulled up to VDD and detects if the pin is open or connected to
ground (see Figure 14).
The SW_F bit of the STATUS register indicates if the switch is open (‘0’) or closed (‘1’)
(Section 11.1.28 on page 71); the bit value is refreshed at every system clock cycle
(125 ns). The SW_EVN flag of the STATUS register is raised when a switch turn-on event
(SW input falling edge) is detected (Section 11.1.28). A GetStatus command releases the
SW_EVN flag (Section 11.2.20 on page 82).
By default, a switch turn-on event causes a HardStop interrupt (SW_MODE bit of CONFIG
register set to ‘0’). Otherwise (SW_MODE bit of CONFIG register set to ‘1’), switch input
events do not cause interrupts and the switch status information is at the user’s disposal
(Table 42 on page 67).
Table 9. Thermal protection summarizing table
State
Set condition
Release condition
Description
TH_STATUS
Normal
Normal operation state.
00
Warning
Tj > Tj(WRN)Set
Tj< Tj(WRN)Rel
Temperature warning: operation is not
limited.
01
Bridge shutdown
Tj > Tj(OFF)Set
Tj < Tj(OFF)Rel
High temperature protection: the
MOSFETs are turned off and the gate
drivers are disabled.
10
Device shutdown
Tj > Tj(SD)Set
Tj < Tj(SD)Rel
Overtemperature protection: the
MOSFETs are turned off, the gate
drivers are disabled, the internal VCC
voltage regulator is disabled, the current
capability of the internal VREG voltage
regulator is limited, and the charge
pump is disabled.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com