Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01 Datasheet(PDF) 40 Page - STMicroelectronics

Part # POWERSTEP01
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button POWERSTEP01 Datasheet HTML 36Page - STMicroelectronics POWERSTEP01 Datasheet HTML 37Page - STMicroelectronics POWERSTEP01 Datasheet HTML 38Page - STMicroelectronics POWERSTEP01 Datasheet HTML 39Page - STMicroelectronics POWERSTEP01 Datasheet HTML 40Page - STMicroelectronics POWERSTEP01 Datasheet HTML 41Page - STMicroelectronics POWERSTEP01 Datasheet HTML 42Page - STMicroelectronics POWERSTEP01 Datasheet HTML 43Page - STMicroelectronics POWERSTEP01 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 92 page
background image
Phase current control: voltage mode
powerSTEP01
40/92
DocID025022 Rev 5
Figure 16. Current distortion and compensation
The optimization can be enabled setting high the LSPD_OPT bit in the MIN_SPEED register
(Section 11.1.8 on page 55) and is active in a speed range from zero to MIN_SPEED. When
low speed optimization is enabled, speed profile minimum speed is forced to zero.
8.4
BEMF compensation
Using the speed information, a compensation curve is added to the amplitude of the voltage
waveform applied to the motor winding in order to compensate the BEMF variations during
acceleration and deceleration (see Figure 17).
The compensation curve is approximated by a stacked line with a starting slope (ST_SLP)
when speed is lower than a programmable threshold speed (INT_SPEED) and a fine slope
(FN_SLP_ACC and FN_SLP_DEC) when speed is greater than the threshold speed (see
sections 11.1.11 on page 56, 11.1.12 on page 56, 11.1.13 on page 57 and 11.1.14 on page
57).
I
phase
I
phase
Without low speed optimizazion
W
ith low speed optimizazion
AM12851v1
Current distortion is heavily reduced



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com