Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01 Datasheet(PDF) 76 Page - STMicroelectronics

Part # POWERSTEP01
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button POWERSTEP01 Datasheet HTML 72Page - STMicroelectronics POWERSTEP01 Datasheet HTML 73Page - STMicroelectronics POWERSTEP01 Datasheet HTML 74Page - STMicroelectronics POWERSTEP01 Datasheet HTML 75Page - STMicroelectronics POWERSTEP01 Datasheet HTML 76Page - STMicroelectronics POWERSTEP01 Datasheet HTML 77Page - STMicroelectronics POWERSTEP01 Datasheet HTML 78Page - STMicroelectronics POWERSTEP01 Datasheet HTML 79Page - STMicroelectronics POWERSTEP01 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 92 page
background image
Programming manual
powerSTEP01
76/92
DocID025022 Rev 5
This command reads the current PARAM register value; PARAM is the respective register
address listed in Table 12 on page 51.
The command response is the current value of the register (most significant byte first). The
number of bytes composing the command response depends on the length of the target
register (see Table 12).
The returned value is the register one at the moment of GetParam command decoding. If
register values change after this moment, the response is not accordingly updated.
All registers can be read anytime.
Any attempt to read an inexistent register (wrong address value) causes the command to be
ignored and the CMD_ERROR flag to rise at the end of the command byte as if an unknown
command code were sent.
11.2.5
Run (DIR, SPD)
The Run command produces a motion at SPD speed; the direction is selected by the DIR
bit: '1' forward or '0' reverse. The SPD value is expressed in step/tick (format unsigned fixed
point 0.28) that is the same format as the SPEED register (Section 11.1.4 on page 53).
Note:
The SPD value should be lower than MAX_SPEED and greater than MIN_SPEED,
otherwise the Run command is executed at MAX_SPEED or MIN_SPEED respectively.
This command keeps the BUSY flag low until the target speed is reached.
This command can be given anytime and is immediately executed.
11.2.6
StepClock (DIR)
The StepClock command switches the device in Step-clock mode (Section 7.7.5 on page
28) and imposes the forward (DIR = '1') or reverse (DIR = '0') direction.
When the device is in Step-clock mode, the SCK_MOD flag in the STATUS register is raised
and the motor is always considered stopped (Section 7.7.5 and Section 11.1.28 on page
71).
The device exits Step-clock mode when a constant speed, absolute positioning or motion
command is sent through SPI. Motion direction is imposed by the respective StepClock
Table 64. Run command structure
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
0101000
DIR
From host
XXXX
SPD (byte 2)
From host
SPD (byte 1)
From host
SPD (byte 0)
From host
Table 65. StepClock command structure
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
01
0110
0
DIR
From host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com