Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01 Datasheet(PDF) 30 Page - STMicroelectronics

Part # POWERSTEP01
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button POWERSTEP01 Datasheet HTML 26Page - STMicroelectronics POWERSTEP01 Datasheet HTML 27Page - STMicroelectronics POWERSTEP01 Datasheet HTML 28Page - STMicroelectronics POWERSTEP01 Datasheet HTML 29Page - STMicroelectronics POWERSTEP01 Datasheet HTML 30Page - STMicroelectronics POWERSTEP01 Datasheet HTML 31Page - STMicroelectronics POWERSTEP01 Datasheet HTML 32Page - STMicroelectronics POWERSTEP01 Datasheet HTML 33Page - STMicroelectronics POWERSTEP01 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 92 page
background image
Functional description
powerSTEP01
30/92
DocID025022 Rev 5
GATECFG1 register (Section 11.1.25 on page 63). When the external clock source is
selected, the device continues to work with the integrated oscillator for textosc milliseconds
and then the clock management system switches to the OSCIN input.
Figure 12. OSCIN and OSCOUT pin configuration
Note:
When OSCIN is UNUSED, it should be left floating.
When OSCOUT is UNUSED, it should be left floating.
7.9
Overcurrent detection
The powerSTEP01 measures the load current of each half-bridge sensing the VDS voltage
of the integrated MOSFET (Figure 13). When any of the VDS voltages rise over the
programmed threshold, the OCD flag in the STATUS register is forced low until the event
expires and a GetStatus command is sent to the device (Section 11.1.28 on page 71 and
Section 11.2.20 on page 82). The overcurrent event expires when all the MOSFET VDS
voltages fall below the programmed threshold.
The overcurrent threshold can be programmed by the OCD_TH register in one of 32
available values listed in Table 25 on page 61.
UNUSED
OSCIN
OSCOUT
OSCIN
OSCOUT
OSCIN
OSCOUT
2/4/8/16 MHz
8/16/24/32 MHz
8/16/24/32 MHz
External oscillator
configuration
External clock source
configuration
Internal oscillator
configuration
with clock generation
OSCIN
OSCOUT
Internal oscillator
configuration
without clock source
UNUSED
UNUSED
OSC_SEL = "1xx"
OSC_SEL = "0xx"
CL
CL
EXT_CLK = "0"
EXT_CLK = "1"
AM12830v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com