Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01 Datasheet(PDF) 43 Page - STMicroelectronics

Part # POWERSTEP01
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button POWERSTEP01 Datasheet HTML 39Page - STMicroelectronics POWERSTEP01 Datasheet HTML 40Page - STMicroelectronics POWERSTEP01 Datasheet HTML 41Page - STMicroelectronics POWERSTEP01 Datasheet HTML 42Page - STMicroelectronics POWERSTEP01 Datasheet HTML 43Page - STMicroelectronics POWERSTEP01 Datasheet HTML 44Page - STMicroelectronics POWERSTEP01 Datasheet HTML 45Page - STMicroelectronics POWERSTEP01 Datasheet HTML 46Page - STMicroelectronics POWERSTEP01 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 92 page
background image
DocID025022 Rev 5
43/92
powerSTEP01
Phase current control: current mode
92
9
Phase current control: current mode
When the current mode driving is selected (CM_VM bit in STEP_MODE register is set to 1),
the powerSTEP01 performs a new current control technique, named predictive current
control, allowing the device to obtain the target average phase current. This method is
described in detail in Section 9.1. Furthermore, the powerSTEP01 automatically selects the
better decay mode in order to follow the current profile.
Current control algorithm parameters can be programmed by T_FAST, TON_MIN,
TOFF_MIN and CONFIG registers (see Section 11.1.11 on page 56, 11.1.12 on page 56,
11.1.19 on page 59 and 11.1.27 on page 66 for details).
Different current amplitude can be set for acceleration, deceleration and constant speed
phases and when the motor is stopped through TVAL_ACC, TVAL_DEC, TVAL_RUN and
TVAL_HOLD registers (see Section 11.1.16 on page 58). The output current amplitude can
also be regulated by the ADCIN voltage value (see Section 9.4).
Each bridge is driven by an independent control system that shares with the other bridge the
control parameters only.
9.1
Predictive current control
Unlike classical peak current control systems, that make the phase current decay when the
target value is reached, this new method keeps the power bridge ON for an extra time after
reaching the current threshold.
At each cycle the system measures the time required to reach the target current (tSENSE).
After that the power stage is kept in a “predictive” ON state (tPRED) for a time equal to the
mean value of tSENSE in the last two control cycles (actual one and previous one), as shown
in Figure 19.
Figure 19. Predictive current control
At the end of the predictive ON state the power stage is set in OFF state for a fixed time, as
in a constant tOFF current control. During the OFF state both slow and fast decay can be
performed; the better decay combination is automatically selected by the powerSTEP01, as
described in Section 9.2.
predictive ON
state
OFF
state
t
SENSE (n-1)
t
OFF
tOFF
t
PRED (n) =
t
SENSE (n-1) + tSENSE(n)
2
Iref
Iout
t
PRED
(n-1)
t
SENSE (n)
t
PRED (n)
AM15048v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com