Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01 Datasheet(PDF) 59 Page - STMicroelectronics

Part # POWERSTEP01
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button POWERSTEP01 Datasheet HTML 55Page - STMicroelectronics POWERSTEP01 Datasheet HTML 56Page - STMicroelectronics POWERSTEP01 Datasheet HTML 57Page - STMicroelectronics POWERSTEP01 Datasheet HTML 58Page - STMicroelectronics POWERSTEP01 Datasheet HTML 59Page - STMicroelectronics POWERSTEP01 Datasheet HTML 60Page - STMicroelectronics POWERSTEP01 Datasheet HTML 61Page - STMicroelectronics POWERSTEP01 Datasheet HTML 62Page - STMicroelectronics POWERSTEP01 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 92 page
background image
DocID025022 Rev 5
59/92
powerSTEP01
Programming manual
92
Any attempt to write to the register when the motor is running causes the command to be
ignored and CMD_ERROR to rise (Section 11.1.28 on page 71).
11.1.18
TON_MIN
This register is specific for current mode driving (see Section 9 on page 43).
This parameter is used by the current control system when current mode operation is
selected.
The TON_MIN register contains the minimum on-time value used by the current control
system (see Section 9.2 on page 44).
The available range for both parameters is from 0.5 µs to 64 µs.
Any attempt to write to the register when the motor is running causes the command to be
ignored and the CMD_ERROR to rise (see Section 11.1.28).
11.1.19
TOFF_MIN
This register is specific for current mode driving (see Section 9).
This parameter is used by the current control system when current mode operation is
selected.
The TOFF_MIN register contains the minimum off-time value used by the current control
system (see Section 9.1 on page 43 for details).
The available range for both parameters is from 0.5 µs to 64 µs.
Table 20. Maximum fast decay times
TOFF_FAST [3 … 0] FAST_STEP [3 … 0]
Fast decay time
0
0
0
0
2 µs
0
0
0
1
4 µs
1
1
1
0
28 µs
1
1
1
1
32 µs
Table 21. Minimum on-time
TON MIN [6 … 0]
Time
0
0
0
0
0
0
0
0.5 µs
0
0
0
0
0
0
1
1 µs
1
1
1
1
1
1
0
63.5 µs
1
1
1
1
1
1
1
64 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com