Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01 Datasheet(PDF) 61 Page - STMicroelectronics

Part # POWERSTEP01
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button POWERSTEP01 Datasheet HTML 57Page - STMicroelectronics POWERSTEP01 Datasheet HTML 58Page - STMicroelectronics POWERSTEP01 Datasheet HTML 59Page - STMicroelectronics POWERSTEP01 Datasheet HTML 60Page - STMicroelectronics POWERSTEP01 Datasheet HTML 61Page - STMicroelectronics POWERSTEP01 Datasheet HTML 62Page - STMicroelectronics POWERSTEP01 Datasheet HTML 63Page - STMicroelectronics POWERSTEP01 Datasheet HTML 64Page - STMicroelectronics POWERSTEP01 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 92 page
background image
DocID025022 Rev 5
61/92
powerSTEP01
Programming manual
92
11.1.21
OCD_TH
The OCD_TH register contains the overcurrent threshold value (Section 7.9 on page 30 for
details). The available range is from 31.25 mV to 1 V, steps of 31.25 mV, as shown in
Table 25.
11.1.22
STALL_TH
This register is specific for voltage mode driving (see Section 8 on page 38).
The STALL_TH register contains the stall detection threshold value. The available range is
from 31.25 mV to 1 V with a resolution of 31.25 mV.
11.1.23
STEP_MODE
The STEP_MODE register has the following structure:
The CM_VM bit sets the current control method between voltage and current mode:
Table 25. Overcurrent detection threshold
OCD_TH [4 … 0]
Overcurrent detection threshold
0
0
0
0
0
31.25 mV
00
00
1
62.5 mV
……
……
…
…
11
11
0
968.75 mV
11
11
1
1 V
Table 26. Stall detection threshold
STALL_th [4 … 0]
Stall detection threshold
0
0
0
0
0
31.25 mV
00
00
1
62.5 mV
……
……
…
…
11
11
0
968.75 mV
11
11
1
1 V
Table 27. STEP_MODE register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SYNC_EN
SYNC_SEL
CM_VM
STEP_SEL
Table 28. Control mode selection
CM_VM
Control mode
0
Voltage mode
1
Advanced current control (current mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com