Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01 Datasheet(PDF) 39 Page - STMicroelectronics

Part # POWERSTEP01
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button POWERSTEP01 Datasheet HTML 35Page - STMicroelectronics POWERSTEP01 Datasheet HTML 36Page - STMicroelectronics POWERSTEP01 Datasheet HTML 37Page - STMicroelectronics POWERSTEP01 Datasheet HTML 38Page - STMicroelectronics POWERSTEP01 Datasheet HTML 39Page - STMicroelectronics POWERSTEP01 Datasheet HTML 40Page - STMicroelectronics POWERSTEP01 Datasheet HTML 41Page - STMicroelectronics POWERSTEP01 Datasheet HTML 42Page - STMicroelectronics POWERSTEP01 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
DocID025022 Rev 5
39/92
powerSTEP01
Phase current control: voltage mode
92
8.1
PWM sinewave generators
The two voltage sinewaves applied to the stepper motor phases are generated by two PWM
modulators.
The PWM frequency (fPWM) is proportional to the oscillator frequency (fOSC) and can be
obtained through the following formula:
Equation 3
'N' is the integer division factor and 'm' is the multiplication factor. 'N' and 'm' values can be
programmed by F_PWM_INT and F_PWM_DEC parameters in the CONFIG register (see
Table 47 on page 68 and Table 48 on page 69).
Available PWM frequencies are listed in Section 11.1.27 on page 66 from Table 49 on
page 69 toTable 52 on page 70.
8.2
Sensorless stall detection
The powerSTEP01 is able to detect a motor stall caused by an excessive load torque. When
the motor is driven using the voltage mode approach, a stall condition corresponds to an
unexpected increase of the phase current. Imposing a current threshold slightly above the
operative current, it is possible to detect the stall condition without speed or position
sensors.
The powerSTEP01 measures the load current of each phase sensing the VDS voltage of the
low-side power MOSFETs. When any of the VDS voltages rise over the programmed
threshold, the STEP_LOSS_X flag in the STATUS register of the respective bridge
(STEP_LOSS_A or STEP_LOSS_B) is forced low. The failure flag is kept low until the VDS
voltages fall below the programmed threshold and a GetStatus command is sent to the
device (Section 11.1.27 and Section 11.2.20 on page 82).
The stall detection threshold can be programmed in one of 32 available values ranging from
31.25 mV to 1 V with steps of 31.25 mV (see Section 11.1.22 on page 61).
Stall detection comparators are disabled, in order to avoid wrong voltage measurements, in
the following cases:
The respective half-bridge is in high impedance state (both MOSFETs forced off).
The respective half-bridge is commutating.
The respective half-bridge is commutated and the programmed blanking time has not
yet elapsed.
The respective low-side gate is turned off.
8.3
Low speed optimization
When the motor is driven at a very low speed using a small driving voltage, the resulting
phase current can be distorted. As a consequence, the motor position is different from the
ideal one (see Figure 16).
The device implements a low speed optimization in order to remove this effect.
fPWM
fOSC
512 N
------------------ m
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com