Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01 Datasheet(PDF) 80 Page - STMicroelectronics

Part # POWERSTEP01
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button POWERSTEP01 Datasheet HTML 76Page - STMicroelectronics POWERSTEP01 Datasheet HTML 77Page - STMicroelectronics POWERSTEP01 Datasheet HTML 78Page - STMicroelectronics POWERSTEP01 Datasheet HTML 79Page - STMicroelectronics POWERSTEP01 Datasheet HTML 80Page - STMicroelectronics POWERSTEP01 Datasheet HTML 81Page - STMicroelectronics POWERSTEP01 Datasheet HTML 82Page - STMicroelectronics POWERSTEP01 Datasheet HTML 83Page - STMicroelectronics POWERSTEP01 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 92 page
background image
Programming manual
powerSTEP01
80/92
DocID025022 Rev 5
11.2.13
GoMark
The GoMark command produces a motion to the MARK position performing the minimum
path.
Note that, this command is equivalent to the “GoTo (MARK)” command. If a motor direction
is mandatory, the GoTo_DIR command must be used.
The GoMark command keeps the BUSY flag low until the MARK position is reached. This
command can be given only when the previous motion command has been completed
(BUSY flag released).
Any attempt to perform a GoMark command when a previous command is under execution
(BUSY low) causes the command to be ignored and the CMD_ERROR flag to rise
(Section 11.1.28 on page 71).
11.2.14
ResetPos
The ResetPos command resets the ABS_POS register to zero. The zero position is also
defined as the HOME position (Section 7.5 on page 25).
11.2.15
ResetDevice
The ResetDevice command resets the device to power-up conditions (Section 7.1 on page
22).
Note:
At power-up the power bridges are disabled.
Table 72. GoMark command structure
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
01
11
10
00
From host
Table 73. ResetPos command structure
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
11011000
From host
Table 74. ResetDevice command structure
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
11000000
From host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com