Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01 Datasheet(PDF) 71 Page - STMicroelectronics

Part # POWERSTEP01
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button POWERSTEP01 Datasheet HTML 67Page - STMicroelectronics POWERSTEP01 Datasheet HTML 68Page - STMicroelectronics POWERSTEP01 Datasheet HTML 69Page - STMicroelectronics POWERSTEP01 Datasheet HTML 70Page - STMicroelectronics POWERSTEP01 Datasheet HTML 71Page - STMicroelectronics POWERSTEP01 Datasheet HTML 72Page - STMicroelectronics POWERSTEP01 Datasheet HTML 73Page - STMicroelectronics POWERSTEP01 Datasheet HTML 74Page - STMicroelectronics POWERSTEP01 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 92 page
background image
DocID025022 Rev 5
71/92
powerSTEP01
Programming manual
92
When the device operates in current mode, the PRED_EN bit sets if the predictive current
control method is enabled or not.
When the device operates in current mode, the TSW bits set the target switching period of
the current control algorithm:
Any attempt to write the CONFIG register when the outputs are enabled causes the
command to be ignored and the CMD_ERROR flag to rise (see Section 11.1.28).
11.1.28
STATUS
The STATUS register has the following structure:
When HiZ flag is high it indicates that the bridges are in high impedance state. Whichever
motion command makes the device to exit from High Z state (HardStop and SoftStop
included), unless error flags forcing a High Z state are active.
The UVLO flag is active low and is set by an undervoltage lock out or reset events (power-
up included).
The UVLO_ADC flag is active low and indicates an ADC undervoltage event.
The OCD flag is active low and indicates an overcurrent detection event.
The STALL_A and STALL_B flags are forced low when a stall condition is detected on
bridge A or bridge B respectively. The stall detection is operative only when the voltage
mode control is selected.
Table 54. Motor supply voltage compensation enable
PRED_EN
Predictive current control
0
Disabled
1
Enabled
Table 55. Switching period
TSW [4 … 0]
Switching period
00000
4 μs (250 kHz)
00001
4 μs (250 kHz)
00010
8 μs (125 kHz)
11111
124 μs (8 kHz)
Table 56. STATUS register
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 15
STALL_A
STALL_B
OCD
TH_STATUS
UVLO_ADC
UVLO
STCK_MOD
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CMD_ERR
OR
MOT_STATUS
DIR
SW_EVN
SW_F
BUSY
HiZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com