Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERSTEP01 Datasheet(PDF) 77 Page - STMicroelectronics

Part # POWERSTEP01
Description  System-in-package integrating microstepping controller and 10 A power MOSFETs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

POWERSTEP01 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button POWERSTEP01 Datasheet HTML 73Page - STMicroelectronics POWERSTEP01 Datasheet HTML 74Page - STMicroelectronics POWERSTEP01 Datasheet HTML 75Page - STMicroelectronics POWERSTEP01 Datasheet HTML 76Page - STMicroelectronics POWERSTEP01 Datasheet HTML 77Page - STMicroelectronics POWERSTEP01 Datasheet HTML 78Page - STMicroelectronics POWERSTEP01 Datasheet HTML 79Page - STMicroelectronics POWERSTEP01 Datasheet HTML 80Page - STMicroelectronics POWERSTEP01 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 92 page
background image
DocID025022 Rev 5
77/92
powerSTEP01
Programming manual
92
command argument and can by changed by a new StepClock command without exiting
Step-clock mode.
Events that cause bridges to be forced into high impedance state (overtemperature,
overcurrent, etc.) do not cause the device to leave Step-clock mode.
The StepClock command does not force the BUSY flag low. This command can only be
given when the motor is stopped. If a motion is in progress, the motor should be stopped
and it is then possible to send a StepClock command.
Any attempt to perform a StepClock command when the motor is running causes the
command to be ignored and the CMD_ERROR flag to rise (Section 11.1.28 on page 71).
11.2.7
Move (DIR, N_STEP)
The move command produces a motion of N_STEP microsteps; the direction is selected by
the DIR bit ('1' forward or '0' reverse).
The N_STEP value is always in agreement with the selected step mode; the parameter
value unit is equal to the selected step mode (full, half, quarter, etc.).
This command keeps the BUSY flag low until the target number of steps is performed. This
command can only be performed when the motor is stopped. If a motion is in progress the
motor must be stopped and it is then possible to perform a move command.
Any attempt to perform a move command when the motor is running causes the command
to be ignored and the CMD_ERROR flag to rise (Section 11.1.28).
11.2.8
GoTo (ABS_POS)
The GoTo command produces a motion to ABS_POS absolute position through the shortest
path. The ABS_POS value is always in agreement with the selected step mode; the
parameter value unit is equal to the selected step mode (full, half, quarter, etc.).
The GoTo command keeps the BUSY flag low until the target position is reached.
Table 66. Move command structure
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
100000
DIR
From host
X
X
N_STEP (byte 2)
From host
N_STEP (byte 1)
From host
N_STEP (byte 0)
From host
Table 67. GoTo command structure
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
1
1
0
0000
From host
X
X
ABS_POS (byte 2)
From host
ABS_POS (byte 1)
From host
ABS_POS (byte 0)
From host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com