Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPT
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT Datasheet(HTML) 21 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 17Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 18Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 19Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 20Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 21Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 22Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 23Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 24Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
DRDY_N
I-to-V Conversion
CONVERT_END
CONVERT_START
DRDY_S
DRDY_H
V-to-I Conversion
DEVICE_STATUS[DRDY]
S
R
Q
Q
SET
CLR
bq76PL536A
www.ti.com
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
Feature Description (continued)
7.3.1.7.2
Data Ready
The bq76PL536A signals that data is ready when the last conversion data has been stored to the associated
data result register by asserting the DRDY_S pin (DRDY_H if HOST = 0) if the DRDY_N pin is also asserted
(Figure 15). DRDY_S (DRDY_H) signals are cleared on the next conversion start.
Figure 15. Data-Ready Logic
7.3.1.7.3
ADC Channel Selection
The ADC_CONTROL register can be configured as follows:
Table 1. ADC_CONTROL Register Configuration
MEASUREMENT
ADC_CONTROL
VCELL1
CELL_SEL = 0x00
VCELL1, VCELL2
CELL_SEL = 0x01
VCELL1, VCELL2, VCELL3
CELL_SEL = 0x02
VCELL1, VCELL2, VCELL3, VCELL4
CELL_SEL = 0x03
VCELL1, VCELL2, VCELL3, VCELL4, VCELL5
CELL_SEL = 0x04
VCELL1, VCELL2, VCELL3, VCELL4, VCELL5, VCELL6
CELL_SEL = 0x05
External thermistor input 1
TS1 = 1
External thermistor input 2
TS2 = 1
General-purpose analog input
GPAI = 1
7.3.1.7.4
Conversion Time Control
The ADC conversion time is fixed at approximately 6 µs per converted channel, plus 6 µs overhead at the start of
the conversion. Total conversion time (µs) is approximately 6 × num_channels + 6.
7.3.1.7.5
Automatic Versus Manual Control
The ADC_CONTROL[ADC_ON] bit controls powering up the ADC section and the main bandgap reference. If
the bit is set to 1, the internal circuits are powered on, and current consumption by the part increases.
Conversions begin immediately on command. The host CPU should wait >500 µs before initiating the first
conversion after setting this bit.
If the ADC_ON bit is false, an additional 500 µs is required to stabilize the reference before conversions begin.
If the sampling interval (time between conversions) used is less than approximately 10 ms, manual mode should
be selected to avoid shifting the voltage reference, leading to inaccuracy in the measurements.
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com