Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPT Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPT
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT Datasheet(HTML) 64 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 60Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 61Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 62Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 63Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 64Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 65Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 66Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 67Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 74 page
background image
bq76PL536A
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
www.ti.com
Layout Guidelines (continued)
–
First, in a stacked system, individual ground planes are necessary for proper noise rejection and stability
of the circuits.
–
Second, the ground (VSS) reference per circuit block is unique. The most negative connection, per block
“CELL0”, is the ground (VSS) reference for each IC. Do not connect ground references from different ICs.
Only the ground reference CELL0, of the most southerly IC, is safe to connect non-isolated test equipment
grounds.
CAUTION
Be careful as the BAT and VSS pins may be several hundred volts above system
ground, depending on their position in the stack.
NOTE
North (_N) pins of the top, most-positive device in the stack, should be connected to the
BAT1(2) pins of the device for correct operation of the string. South (_S) pins of the
lowest, most-negative device in the stack, should be connected to VSS of the device.
The PowerPAD™ package is a thermally enhanced standard-size IC package designed to eliminate the use of
bulky heat sinks and slugs traditionally used in thermal packages. This package can be easily mounted using
standard printed circuit board (PCB) assembly techniques, and can be removed and replaced using standard
repair procedures. See Figure 67.
The PowerPAD™ package is designed so that the lead frame die pad (or thermal pad) is exposed on the bottom
of the IC. This provides an extremely low-thermal resistance (RθJC) path between the die and the exterior of the
package. The thermal pad on the bottom of the IC can then be soldered directly to the printed circuit board
(PCB), using the PCB as a heat sink. In addition, through the use of thermal bias, the thermal pad can be directly
connected to a ground plane or special heat sink structure designed into the PCB.
Figure 67. Section View of PowerPAD™ Package and Top View of Solder Mask and PAD
64
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com