Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPT
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT Datasheet(HTML) 12 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 8Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 9Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 10Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 11Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 12Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 13Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 14Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 15Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 74 page
background image
bq76PL536A
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
www.ti.com
Electrical Characteristics (continued)
Typical values stated where TA = 25°C and VBAT = 20 V, Min/Max values stated where TA = –40°C to 85°C and VBAT = 7.2 V
to 27 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
OTP EPROM PROGRAMMING CHARACTERISTICS
VPROG
Programming voltage
VBAT ≥ 20 V
6.75
7
7.25
V
tPROG
Programming time
VBAT ≥ 20 V
(11)50
ms
IPROG
Programming current
VBAT ≥ 20 V
10
20
mA
(11) The write pulse is self-timed internally. VPROG should be applied for this time at a minimum.
6.6 Timing Characteristics – AC SPI Data Interface
Typical values stated where TA = 25°C and VBAT = 20 V, Min/Max values stated where TA = –40˚C to 85°C and VBAT = 7.2 V
to 27 V (unless otherwise noted), see Figure 1.
PARAMETER
TEST CONDITION
MIN
NOM
MAX
UNIT
fSCLK
SCLK frequency(1)
10
250
1000
kHz
SCLKDC
SCLK_H duty cycle, t(HIGH) / t(SCLK) or t(LOW) / t(SCLK)
40%
60%
tCS,LEAD
CS_H lead time, CS_H low to clock
50
SCLK/2
ns
tCS,LAG
CS_H lag time. Last clock to CS_H high
10
SCLK/2
ns
tCS,DLY
CS_H high to CS_H low (inter-packet delay requirement)
3
µs
tACC
CS_H access time(2): CS_H low to SDO_H data out
125
250
ns
tDIS
CS_H disable time(2): CS_H high to SDO_H high impedance
2.5
2.7
µs
tSU,SDI
SDI_H input-data setup time
15
ns
tHD,SDI
SDI_H input-data hold time
10
ns
SDO_H output-data valid time
tVALID,SDO
CL ≤ 20 pF
75
110
ns
SCLK_H edge to SDO_H valid
(1)
Maximum SCLK frequency is limited by the number of bq76PL536A devices in the vertical stack. The maximum listed here may not be
realizable in systems due to delays and limits imposed by other components including wiring, connectors, PCB material and routing, and
so forth. See text for details.
(2)
Time listed is for single device.
12
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com