Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPT Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPT
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT Datasheet(HTML) 37 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 33Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 34Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 35Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 36Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 37Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 38Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 39Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 40Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 74 page
background image
REGISTER
7
CRC_ERR
WRITE
6
5
4
3
2
1
0
INTERNAL DATA BUS
CONTROL, STATUS & DATA REGISTERS
FAULT _STATUSFLAGS
CRCCHECKLOGIC
SPIDE -SERIALIZER
bq76PL536A
www.ti.com
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
7.6 Register Maps
7.6.1 I/O Register Details
The bq76PL536A has 48 addressable I/O registers. These registers provide status, control, and configuration
information for the battery protection system. Reserved registers return 0x00. Unused registers should not be
written to; the results are undefined. Unused or undefined bits should be written as zeroes, and will always read
back as zeroes. Several types of registers are provided, details are in the following sections and tables.
7.6.2 Register Types
7.6.2.1 Read-Only (Group 1)
These registers contain the results of conversions, or device status information set by internal logic. The contents
are re-initialized by a device reset as a result of either POR or the RESET command. Contents of the register are
changed by either a conversion command, or when there is an internal state change (that is, a fault condition is
sensed).
7.6.2.2 Read / Write (Group 2)
The Read/Write register group modifies the operations or behavior of the device, or indicates detailed status in
the ALERT_STATUS and FAULT_STATUS registers (Figure 24). The contents are re-initialized by a device reset
as a result of either POR or the RESET command. Contents of the register are changed either by a conversion
command, or when there is an internal state change (that is, a fault condition is sensed).
Contents may also be changed by a write from the host CPU to the register. Writes may only modify a single
register at a time. If CRCs are enabled, the write packet is buffered until the CRC is checked for correctness.
Packets with bad CRCs are discarded without writing the value to the register, after setting the
FAULT_STATUS[CRC] flag.
Unused or undefined bits in any register should be written as zeros, and will always read back as zeros.
Figure 24. Register Group2 Architecture
7.6.2.3 Read / Write, Initialized From EPROM (Group3)
These registers control the device configuration and functionality. The contents of the registers are initialized
from EPROM-stored constants as a result of POR, RESET command, or the RELOAD_SHADOW command.
This feature ensures that the secondary protector portion of the device (COV, CUV, OT) is fully functional after
any reset, without host CPU involvement. See Figure 25 for a simplified view.
These registers may only be modified by using a special, sequential-write sequence to guard against accidental
changes. The value loaded from EPROM at reset (or by command) may be temporarily overwritten by using the
special write sequence. The temporary value is overwritten to the programmed EPROM initialization value by the
next reset or command to reload. To write to a these protected registers, first write 0x35 to SHDW_CONTROL,
immediately followed by the write to the desired register. Any intervening write cancels the special sequence.
To re-initialize the entire set of Group3 registers to the EPROM defaults, write the value 0x27 to
SHDW_CONTROL.
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com