Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPT Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPT
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT Datasheet(HTML) 29 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 25Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 26Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 27Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 28Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 29Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 30Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 31Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 32Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 74 page
background image
bq76PL536A
www.ti.com
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
7.3.3.4 GPIO
The bq76PL536A includes a general-purpose input/output pin controlled by the IO_CONTROL[GPIO_OUT] bit.
The state of this bit is reflected on the pin. To use the pin as an input, program GPIO_OUT to a 1, and then read
the IO_CONTROL[GPIO_IN] bit. A pullup (10 k
Ω–1 MΩ, typ.) is required on this pin if used as an input. If the
pullup is not included in the design, system firmware must program a 0 in IO_CONTROL[GPIO_OUT] to prevent
excess current draw from the floating input. Use of a pullup is recommended in all designs to prevent an
unintentional increase in current draw.
7.3.4 Communications
7.3.4.1 SPI Communications – Device to Host
Device-to-host (D2H) mode is provided on the SPI interface pins for connection to a local host microcontroller,
logic, and so forth. D2H communications operate in voltage mode as a standard SPI interface for ease of
connection to the outside world from thebq76PL536A device. Standard TTL-compatible logic levels are
presented. All relevant SPI timing and performance parameters are met by this interface.
The host interface operates in SPI mode 1, where CPOL = 0 and CPHA = 1. The SPI clock is normally low; data
changes on rising edges, and is sampled on the falling edge. All transfers are MSB-first.
The pins of the base IC (only) in a stack should have the SCLK_H and SDI_H pins terminated with pullups to
minimize current draw of the part if the host ever enters a state where the pins are not driven, that is, held in the
high-impedance state by the host. In non-base devices, the _H pins are forced to be all outputs driven low when
the HSEL pin is high. In non-base devices, all _H pins should remain unconnected.
The CS_H has a pullup resistor of approximately 100 k
Ω. SDO_H is a 3-state output and is terminated with a
weak pullup.
NOTE
Designer Note: When VBAT is at or below the UVLO trip point voltage, the internal LDO
which supplies the xxxx_H host SPI communications pins (VLODx) begins to fall out of
regulation. The output high voltage on the xxxx_H pins falls off with the LDO voltage in an
approximately linear manner until at the POR voltage trip point where it is reduced to
approximately 3.5 V. This action is not tested in production.
7.3.5 Device-to-Device Vertical Bus (VBUS) Interface
Device-to-device (D2D) communications makes use of a unique, current-mode interface which provides
common-mode voltage isolation between successive bq76PL536As. This vertical bus (VBUS) is found on the _N
and corresponding _S pins. It provides high-speed I/O for both the SPI bus and the direct I/O pins CONV and
DRDY. The current-mode interface minimizes the effects of wiring capacitance on the interface speed.
The _S (south-facing) pins connect to the next-lower device (operating at a lower potential) in the stack of
bq76PL536As. The _N (North facing) pins connect to the next-higher device. The pins cannot be swapped; _S
always points South, and _N always point North. The _S and _N pins are interconnected to the pin with the
same name, but opposite suffix. All pins operate within the voltages present at the BAT and VSS pins.
WARNING
These pins may be several hundred volts above system ground, depending on
their position in the stack.
NOTE
Designer Note: North (_N) pins of the top, most-positive device in the stack should be
connected to the BAT1(2) pins of the device for correct operation of the string. South (_S)
pins of the lowest, most-negative device in the stack should be connected to VSS of the
device.
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com