Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPT
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT Datasheet(HTML) 1 Page - Texas Instruments

  BQ76PL536APAPT Datasheet HTML 1Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 2Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 3Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 4Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 5Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 6Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 7Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 8Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
DRDY
FAULT
ALERT
SPI
PACK-
PACK+
GPAI
GPIO
AUX
REG50
SPI
(North)
CONV
CBx (6)
CONTROL (North)
CELL_1
CELL_6
GPAI
GPIO
AUX
SPI
(North)
CBx (6)
CONTROL (North)
bq76PL536A
CELL_1
CELL_6
TO NEXT DEVICE
CONTROL (South)
SPI
(South)
South Interface
(not used on bottom device)
bq76PL536A
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
bq76PL536A
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
bq76PL536A 3-to-6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC
for Applications
1 Features
3 Description
The bq76PL536A device is a stackable battery
1
•
3-to-6 Series Cell Support, All Chemistries
monitor and protector for three-to-six lithium-ion cells
•
Hot-Pluggable
in series. The bq76PL536A integrates an analog front
•
High-Speed Serial Peripheral Interface (SPI) for
end (AFE) along with a precision analog-to-digital
Data Communications
converter (ADC), used to precisely measure battery
cell voltages. A separate ADC is used to measure
•
Stackable Vertical Interface
temperature.
•
Isolation Components not Required Between
In addition to temperature measurement, overvoltage
Devices
and undervoltage are monitored per channel for
•
Industrial Temperature Range –40°C to 85°C
protection. Non-volatile memory stores the user-
•
High-Accuracy Analog-to-Digital Converter (ADC):
programmable protection thresholds and delay times.
–
±1 mV Typical Accuracy
A FAULT output signals whenever one of these
thresholds is exceeded.
–
14-Bit Resolution, 6-µs Conversion Time
Cell stacks of 192 cells can be supported by stacked
–
Nine ADC Inputs: 6 Cell Voltages, 1 Six-Cell
bq76PL536A devices. A high-speed SPI interface
Brick Voltage, 2 Temperatures, 1 General-
connects all devices.
Purpose Input
–
Dedicated Pins for Synchronizing
Device Information(1)
Measurements
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Configuration Data Stored in Error Check/Correct
bq76PL536A
HTQFP (64)
10.00 mm × 10.00 mm
(ECC)-One-Time-Programmable (OTP) Registers
(1) For all available packages, see the orderable addendum at
•
Built-In Comparators (Secondary Protector) for:
the end of the datasheet.
–
Overvoltage and Undervoltage Protection
Simplified Schematic
–
Overtemperature Protection
–
Programmable Thresholds and Delay Times
–
Dedicated Fault Output Signals
•
Cell Balancing Control Outputs With Safety
Timeout
–
Balance Current Set by External Components
•
Supply Voltage Range from 6 V to 30 V
Continuous and 36-V Peak
•
Low Power:
–
Typical 12-µA Sleep, 45-µA Idle
•
Integrated Precision 5-V, 3-mA LDO
2 Applications
•
Uninterruptible Power Systems (UPS)
•
E-Bike and E-Scooter
•
Large-Format Battery Systems
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - BQ76PL536APAPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76PL536APAPT TI1-BQ76PL536APAPT Datasheet
1Mb / 60P
3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
More results

Similar Description - BQ76PL536APAPT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV51130T SANYO-LV51130T_11 Datasheet
188Kb / 8P
2-Cell Lithium-Ion Secondary Battery Protection IC
LV51131T SANYO-LV51131T_11 Datasheet
188Kb / 8P
2-Cell Lithium-Ion Secondary Battery Protection IC
LV51132T SANYO-LV51132T Datasheet
155Kb / 9P
2-Cell Lithium-Ion Secondary Battery Protection IC
LV51133T SANYO-LV51133T Datasheet
154Kb / 9P
2-Cell Lithium-Ion Secondary Battery Protection IC
LV51134T SANYO-LV51134T_11 Datasheet
188Kb / 8P
2-Cell Lithium-Ion Secondary Battery Protection IC
LV51135T SANYO-LV51135T_11 Datasheet
189Kb / 8P
2-Cell Lithium-Ion Secondary Battery Protection IC
LV51137T SANYO-LV51137T_11 Datasheet
188Kb / 8P
2-Cell Lithium-Ion Secondary Battery Protection IC
LV51138T SANYO-LV51138T_11 Datasheet
188Kb / 8P
2-Cell Lithium-Ion Secondary Battery Protection IC
LV51139T SANYO-LV51139T Datasheet
224Kb / 7P
2-Cell Lithium-Ion Secondary Battery Protection IC
logo
ON Semiconductor
LV51130T ONSEMI-LV51130T Datasheet
172Kb / 8P
2-Cell Lithium-Ion Secondary Battery Protection IC
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com