Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPT Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPT
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT Datasheet(HTML) 41 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 37Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 38Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 39Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 40Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 41Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 42Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 43Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 44Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 74 page
background image
bq76PL536A
www.ti.com
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
7.6.4 GPAI (0x01, 0x02) Register
The GPAI register reports the ADC measurement of GPAI+/GPAI– in units of LSBs.
Bits 15–8 are returned at address 0x01, bits 7–0 at address 0x02.
Figure 27. GPAI (0x01, 0x02) Register
15
14
13
12
11
10
9
8
GPAI[15]
GPAI[14]
GPAI[13]
GPAI[12]
GPAI[11]
GPAI[10]
GPAI[9]
GPAI[8]
7
6
5
4
3
2
1
0
GPAI [7]
GPAI [6]
GPAI [5]
GPAI [4]
GPAI [3]
GPAI [2]
GPAI [1]
GPAI [0]
7.6.5 VCELLn Register (0x03…0x0e)
The VCELLn registers report the converted data for cell n, where n = 1 to 6.
Bits 15–8 are returned at odd addresses (for example, 0x03), bits 7–0 at even addresses (for example, 0x04).
Figure 28. VCELLn Register
15
14
13
12
11
10
9
8
VCELLn[15]
VCELLn[14]
VCELLn[13]
VCELLn[12]
VCELLn[11]
VCELLn[10]
VCELLn[9]
VCELLn[8]
7
6
5
4
3
2
1
0
VCELLn[7]
VCELLn[6]
VCELLn[5]
VCELLn[4]
VCELLn[3]
VCELLn[2]
VCELLn[1]
VCELLn[0]
7.6.6 TEMPERATURE1 Register (0x0f, 0x10)
The TEMPERATURE1 register reports the converted data for TS1+ to TS1–.
Bits 15–8 are returned at odd addresses (for example, 0x0f), bits 7–0 at even addresses (for example, 0x10).
Figure 29. TEMPERATURE1 Register
15
14
13
12
11
10
9
8
TEMP1[15]
TEMP1[14]
TEMP1[13]
TEMP1[12]
TEMP1[11]
TEMP1[10]
TEMP1[9]
TEMP1[8]
7
6
5
4
3
2
1
0
TEMP1[7]
TEMP1[6]
TEMP1[5]
TEMP1[4]
TEMP1[3]
TEMP1[2]
TEMP1[1]
TEMP1[0]
7.6.7 TEMPERATURE2 Register (0x11, 0x12)
The TEMPERATURE2 register reports the converted data for TS2+ to TS2–.
Bits 15–8 are returned at odd addresses (for example, 0x11), bits 7–0 at even addresses (for example, 0x12).
Figure 30. TEMPERATURE2 Register
15
14
13
12
11
10
9
8
TEMP2[15]
TEMP2[14]
TEMP2[13]
TEMP2[12]
TEMP2[11]
TEMP2[10]
TEMP2[9]
TEMP2[8]
7
6
5
4
3
2
1
0
TEMP2[7]
TEMP2[6]
TEMP2[5]
TEMP2[4]
TEMP2[3]
TEMP2[2]
TEMP2[1]
TEMP2[0]
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com