Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPT
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 7Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 8Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 9Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 10Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 11Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 12Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 13Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 14Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 74 page
background image
bq76PL536A
www.ti.com
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
Electrical Characteristics (continued)
Typical values stated where TA = 25°C and VBAT = 20 V, Min/Max values stated where TA = –40°C to 85°C and VBAT = 7.2 V
to 27 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Voltage delta between
VDELTA_FALL
VUVLO – VPOR (VBAT falling)
0.4
0.52
0.7
V
trip points
BATTERY PROTECTION THRESHOLDS
OV detection threshold
VOVR
2
5
V
range(7)
OV detection threshold
ΔVOVS
50
mV
program step
VOVH
OV detection hysteresis
50
mV
OV detection threshold
VOVA1
3.3
≤ VOV_SET ≤ 4.5
–50
0
50
mV
accuracy
OV detection threshold
VOVA2
VOV_SET < 3.3 or VOV_SET > 4.5
–70
0
70
mV
accuracy
UV detection threshold
VUVR
700
3300
mV
range(7)
UV detection threshold
ΔVUVS
100
mV
program step
VUVH
UV detection hysteresis
100
mV
UV detection threshold
VUVA
–100
0
100
mV
accuracy
OT detection threshold
VOTR
VREG50 = 5 V
1
2
V
range(8)
OT detection threshold
ΔVOTS
See (9)
V
program step(8)
OT detection threshold
VOTA
T = 40°C to 90°C
0.04
0.05
V
accuracy(8)
ΔVOTH
OT reset hysteresis
T = 40°C to 90°C
8%
12%
15%
BATTERY PROTECTION DELAY TIMES
OV detection delay-time
tOV
0
3200
ms
range
COVT [µs] = 0
100
µs
OV detection delay-time
ΔtOV
step
COVT [ms] = 1
100
ms
UV detection delay-time
tUV
0
3200
ms
range
CUVT[7] (µs) = 0
100
µs
UV detection delay-time
ΔtUV
step
CUVT[7] (ms) = 1
100
ms
OT detection delay-time
tOT
0
2550
ms
range
OT detection delay-time
ΔtOT
10
ms
step
OV, UV, and OT
tacr
detection delay-time
CUVT, (COVT)
≥ 500 µs
–12%
0%
10%
accuracy(10)
Protection comparator
t(DETECT)
VOT or VOV or VUV threshold exceeded by 10 mV
100
µs
detection time
(7)
COV and CUV thresholds must be set such that COV – CUV
≥ 300 mV.
(8)
Using recommended components. Consult Table 2 in text for voltage levels used.
(9)
See Table 2 for trip points.
(10) Under double or multiple fault conditions (of a single type), the second or greater fault may have its delay time shortened by up to the
step time for the fault. For example, the second and subsequent COV faults occurring within the delay time period for the first fault may
have their delay time shortened by up to 100 µs.
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com