Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPT Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPT
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT Datasheet(HTML) 36 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 32Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 33Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 34Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 35Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 36Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 37Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 38Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 39Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 74 page
background image
Enable Group3 Write:
Write: 0x35 to SHDW_CTRL (0x3a)
Host enables write to USER Block
Write: 0x91 to E_EN @0x3f
Apply 7 V to
LDOD1(2) pin
Host writes data to Registers in USER
Block 0x40–0x47
Write data to Registers
Write: 0xnn to 0x4x
ADDR++
ADDR > 0x4b?
No
Yes
Verify Data in 0x40–0x47
Copy EPROM back to Registers
Write 0x27 to SHDW_CTRL (0x3a)
Read Register block
0x40–0x4b
Contents match
programmed value?
Yes
No
Verify ECC bits
Read DEVICE_STATUS [ECC_COR]
Read ALERT_STATUS [PARITY]
Read ALERT_STATUS [PARITY]
All == 0?
Yes
No
SUCCESS
FAIL
Programming complete
Nominal time
~ 2 ms to 3 ms
Remove 7 V from
LDOD1(2) pins
bq76PL536A
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
www.ti.com
Programming (continued)
Figure 23. EPROM Programming
36
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com