Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPT
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 6Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 7Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 8Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 9Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 10Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 11Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 12Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 13Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 74 page
background image
bq76PL536A
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
www.ti.com
Electrical Characteristics (continued)
Typical values stated where TA = 25°C and VBAT = 20 V, Min/Max values stated where TA = –40°C to 85°C and VBAT = 7.2 V
to 27 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Effective input
RIN
Converting
2
M
Ω
resistance
CIN
Input capacitance
Converting
1
pF
EN
Noise
VIN = 3 V
250
µVRMS
VBAT (VBRICK) MEASUREMENT
Input voltage range(5),
VIN
FUNCTION_CONFIG = 0101xx00b
0
30
V
BATn to VSS
VRES
Voltage resolution(6)
14 bits
~1.831
mV
VACC
Voltage accuracy
Total error
–80
–30
20
mV
CIN
Input capacitance
Converting
1
pF
Effective input
RIN
Converting
50
k
Ω
resistance
EN
Noise
1.5
mVRMS
GPAI MEASUREMENT
Input voltage range,(5)
VIN
0
2.5
V
GPAI+ to GPAI–
VRES
Voltage resolution(6)
14 bits
~153
µV
0.25 V
≤ VIN ≤ 2.5 V
–7
7
Voltage accuracy, VIN =
VACC
mV
GPAI+ – GPAI–
VIN = 1.25 V, TA = 25°C
±2
CIN
Input capacitance
Converting
40
pF
Effective input
RIN
Converting
50
K
Ω
resistance
EN
Noise
150
µVRMS
TSn MEASUREMENT
14 bits, REG50 = 5 V,
VRES
Voltage resolution,(6)
~153
µV
(Resolution
≈ VREG50 / 2
15)
Ratio accuracy, % of
VACC
0.25 V
≤ VIN ≤ 2.4 V
–0.7%
±0.2%
0.7%
input(6)
CIN
Input capacitance
Converting
40
pF
Effective input
RIN
Converting
50
k
Ω
resistance
EN
Noise
150
µVRMS
THERMAL SHUTDOWN
TSD
Shutdown threshold
VBAT = 20 V
125
142
156
°C
THYS
Recovery hysteresis
8
25
°C
UNDERVOLTAGE LOCKOUT (UVLO) and POWER-ON RESET (POR)
Negative-going
VUVLO
5
5.6
V
threshold
VUVLO_HSY
Hysteresis
250
375
500
mV
Delay to locked-out
UVLODELAY
V
≤ VUVLO MIN
15
µs
condition
Negative-going
VPOR
4
5
V
threshold
VPOR_HSY
Hysteresis
250
500
750
mV
Delay to disabled
PORDELAY
V
≤ VPOR MIN
15
µs
condition
tRST
Reset delay time
V
≥ VPOR + VPOR_HSY
40
56
70
ms
Voltage delta between
VDELTA_RISE
VUVLO – VPOR (VBAT rising)
0.3
0.4
0.7
V
trip points
10
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com